Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA316 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BA316
Description  High-speed diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA316 Datasheet(HTML) 3 Page - NXP Semiconductors

  BA316 Datasheet HTML 1Page - NXP Semiconductors BA316 Datasheet HTML 2Page - NXP Semiconductors BA316 Datasheet HTML 3Page - NXP Semiconductors BA316 Datasheet HTML 4Page - NXP Semiconductors BA316 Datasheet HTML 5Page - NXP Semiconductors BA316 Datasheet HTML 6Page - NXP Semiconductors BA316 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 Sep 03
3
Philips Semiconductors
Product specification
High-speed diodes
BA316; BA317; BA318
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed circuit-board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3
IF =1mA
700
mV
IF =10mA
850
mV
IF = 100 mA
1100
mV
IR
reverse current
see Fig.5
BA316
VR =10V
200
nA
VR =10V; Tj = 150 °C
100
µA
BA317
VR =10V
50
nA
VR =30V
200
nA
VR =30V; Tj = 150 °C
100
µA
BA318
VR =30V
50
nA
VR =50V
200
nA
VR =50V; Tj = 150 °C
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
2pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 60 mA; RL = 100 Ω;
measured at IR = 1 mA; see Fig.7
4ns
Vfr
forward recovery voltage
when switched from IF = 50 mA;
tr = 20 ns; see Fig.8
2.5
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length 10 mm
240
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm; note 1
500
K/W


Similar Part No. - BA316

ManufacturerPart #DatasheetDescription
logo
Rohm
BA311 ROHM-BA311 Datasheet
121Kb / 3P
   Monolithic IGs
BA3112 ROHM-BA3112 Datasheet
121Kb / 3P
   Monolithic IGs
BA3113 ROHM-BA3113 Datasheet
121Kb / 3P
   Monolithic IGs
BA3114 ROHM-BA3114 Datasheet
121Kb / 3P
   Monolithic IGs
BA3116 ROHM-BA3116 Datasheet
121Kb / 3P
   Monolithic IGs
More results

Similar Description - BA316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4531 NXP-1N4531 Datasheet
127Kb / 9P
   High-speed diodes
April 1996
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com