Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR39MF11NSZ Datasheet(PDF) 4 Page - Sharp Corporation

Part # PR39MF11NSZ
Description  8-Pin DIP Type SSR for Low Power Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR39MF11NSZ Datasheet(HTML) 4 Page - Sharp Corporation

  PR39MF11NSZ Datasheet HTML 1Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 2Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 3Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 4Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 5Page - Sharp Corporation PR39MF11NSZ Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PR29MF11NSZ Series/PR39MF11NSZ Series
Fig.11 Relative Holding Current vs. Ambient
Temperature (PR29MF21NSZ/PR39MF21NSZ)
Fig.14 ON-state Current vs. ON-state Voltage
(PR29MF21NSZ/PR39MF21NSZ)
Fig.12 Zero-cross Voltage vs. Ambient Temperature
(PR29MF21NSZ/PR39MF21NSZ)
10
10
2
10
3
−30
0
20406080
100
Ambient temperature Ta (˚C)
VD=6V
0
0.3
0.6
0.9
1.2
1.5
0
0.5
1
1.5
ON-state voltage VT (V)
IF=20mA
Ta=25˚C
Fig.13
ON-state Current vs. ON-state Voltage
(PR29MF11NSZ/PR39MF11NSZ)
0
0.2
0.4
0.6
0.8
1
1.2
0
0.5
1
1.5
ON-state voltage VT (V)
IF=20mA
Ta=25˚C
0
10
5
15
−30
0
−20 −10
20
40
60
80
100
10
30
50
70
90
Ambient temperature Ta (˚C)
R load, IF=15mA
1 000
10
100
146.5
1
100
VD=6V
RL=100Ω
Ta=25˚C
10
Forward current IF (mA)
Fig.15
Turn-on Time vs. Forward Current
(PR29MF11NSZ)
Fig.16
Turn-on Time vs. Forward Current
(PR39MF11NSZ)
100
10
1
100
VD=6V
RL=100Ω
Ta=25˚C
10
20
30
40
50
Forward current IF (mA)


Similar Part No. - PR39MF11NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR39MF11NSZ SHARP-PR39MF11NSZ Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF11NSZF SHARP-PR39MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
More results

Similar Description - PR39MF11NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
   8-Pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
   8-Pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
   8-pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
PR3BMF11NSZ SHARP-PR3BMF11NSZ Datasheet
63Kb / 3P
   8-Pin DIP Type, Large Output current SSR
logo
Panasonic Semiconductor
AQH3213A PANASONIC-AQH3213A Datasheet
1Mb / 3P
   Compact DIP type SSR Ideal for AC load control
logo
Crydom Inc.,
DPA4111 CRYDOM-DPA4111 Datasheet
558Kb / 4P
   16 Pin DIP SSR
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
   SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com