Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3300 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG3300
Description  Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3300 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG3300 Datasheet HTML 2Page - Analog Devices ADG3300 Datasheet HTML 3Page - Analog Devices ADG3300 Datasheet HTML 4Page - Analog Devices ADG3300 Datasheet HTML 5Page - Analog Devices ADG3300 Datasheet HTML 6Page - Analog Devices ADG3300 Datasheet HTML 7Page - Analog Devices ADG3300 Datasheet HTML 8Page - Analog Devices ADG3300 Datasheet HTML 9Page - Analog Devices ADG3300 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG3300
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VCCA to GND
−0.3 V to +7 V
VCCY to GND
VCCA to +7 V
Digtal Inputs (A)
−0.3 V to (VCCA + 0.3 V)
Digtal Inputs (Y)
−0.3 V to (VCCY + 0.3 V)
EN to GND
−0.3 V to +7 V
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance (4-Layer Board)
20-Lead TSSOP
78°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADG3300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ-REEL AD-ADG3300BRUZ-REEL Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ-REEL7 AD-ADG3300BRUZ-REEL7 Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results

Similar Description - ADG3300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3304 AD-ADG3304_15 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
REV. D
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com