Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9259BCPZ-50 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9259BCPZ-50
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259BCPZ-50 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9259BCPZ-50 Datasheet HTML 2Page - Analog Devices AD9259BCPZ-50 Datasheet HTML 3Page - Analog Devices AD9259BCPZ-50 Datasheet HTML 4Page - Analog Devices AD9259BCPZ-50 Datasheet HTML 5Page - Analog Devices AD9259BCPZ-50 Datasheet HTML 6Page - Analog Devices AD9259BCPZ-50 Datasheet HTML 7Page - Analog Devices AD9259BCPZ-50 Datasheet HTML 8Page - Analog Devices AD9259BCPZ-50 Datasheet HTML 9Page - Analog Devices AD9259BCPZ-50 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
AD9259
Rev. 0 | Page 6 of 52
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 4.
AD9259-50
Parameter1
Temp
Min
Typ
Max
Unit
CLOCK2
Maximum Clock Rate
Full
50
MSPS
Minimum Clock Rate
Full
10
MSPS
Clock Pulse Width High (tEH)
Full
10
ns
Clock Pulse Width Low (tEL)
Full
10
ns
OUTPUT PARAMETERS2
Propagation Delay (tPD)
Full
2.0
2.7
3.5
ns
Rise Time (tR) (20% to 80%)
Full
300
ps
Fall Time (tF) (20% to 80%)
Full
300
ps
FCO Propagation Delay (tFCO)
Full
2.0
2.7
3.5
ns
DCO Propagation Delay (tCPD)3
Full
tFCO +
(tSAMPLE/28)
ns
DCO to Data Delay (tDATA)3
Full
(tSAMPLE/28) − 300
(tSAMPLE/28)
(tSAMPLE/28) + 300
ps
DCO to FCO Delay (tFRAME)3
Full
(tSAMPLE/28) − 300
(tSAMPLE/28)
(tSAMPLE/28) + 300
ps
Data to Data Skew
(tDATA-MAX − tDATA-MIN)
Full
±50
±150
ps
Wake-Up Time (Standby)
25°C
600
ns
Wake-Up Time (Power Down)
25°C
375
μs
Pipeline Latency
Full
10
CLK
cycles
APERTURE
Aperture Delay (tA)
25°C
500
ps
Aperture Uncertainty (Jitter)
25°C
<1
ps rms
Out-of-Range Recovery Time
25°C
2
CLK
cycles
1 See the AN-835 Application Note, “Understanding High Speed ADC Testing and Evaluation,” for a complete set of definitions and how these tests were completed.
2 Can be adjusted via the SPI interface.
3 tSAMPLE/28 is based on the number of bits multiplied by 2; delays are based on half duty cycles.


Similar Part No. - AD9259BCPZ-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259-50EB1 AD-AD9259-50EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9259-50EBZ AD-AD9259-50EBZ Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259ABCPZ-50 AD-AD9259ABCPZ-50 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259ABCPZRL7-50 AD-AD9259ABCPZRL7-50 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
More results

Similar Description - AD9259BCPZ-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com