Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD6431 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CMD6431
Description  T-1 3/4 Diffused LED Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMD6431 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMD6431 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
T-1 3/4 Diffused LED Lamps
EL ECTRO-OP TIC A L C H A R A CTERISTICS A N D R A T INGS
These LED lamps offer a variety of diffused lens effects and color
availability. These lamps are available with both wide view angles and
narrow view angles for high bright direct viewing. The High Efficiency
Red and Yellow lamps are produced with GaAsP/GaP and the High
Efficiency Green lamp is produced with GaP/GaP. This compact,
rugged and lightweight LED lamp requires low power and allows for
versatile PC board or panel mounting.
20.0
25.0
15.0
25.0
90
-55 to +100
-55 to +100
120
75
562
-
3.0
3.0
2.2
20
G reen
H.E .G reen
C MD64530
1000
-55 to +100
-55 to +100
120
24
585
-
10.0
3.0
2.1
20
Yellow
Yellow
C MD6354A
1000
-55 to +100
-55 to +100
120
65
585
-
2.5
3.0
2.1
20
Yellow
Yellow
C MD6353
1000
-55 to +100
-55 to +100
120
24
635
-
10.0
3.0
2.0
20
Amber
H.E . R ed
CMD6154A
C MD6153
Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Tes t C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
S torage T emperature (
°C)
P eak F orward C urrent Max. (1
µs@ 0.3% duty cycle) (mA)
Diffus ion
Viewing Angle 20 1/2 (degrees)
H.E . R ed
Amber
20
2.0
3.0
3.0
15.0
-
635
65
120
-55 to +100
-55 to +100
1000
Diffus ed
Diffus ed
Diffus ed
Diffus ed
Revers e V oltage (IR=100
µA) (V)
55
5
5
5
Luminous Intens ity Max. (mcd)
P ower Dissipation (mW)
Operating T emperature (
°C)
Lead S older T ime @ 260
°C
55
5
5
5
25.0
10.0
30.0
20.0
1000
-55 to +100
-55 to +100
120
24
635
-
15.0
3.0
2.0
20
Red
H.E . R ed
C MD6754A
1000
-55 to +100
-55 to +100
120
65
635
-
3.0
3.0
2.0
20
Red
H.E . R ed
CMD6753
90
-55 to +100
-55 to +100
120
24
562
-
10.0
3.0
2.2
20
G reen
H.E .G reen
C MD6454A
90
-55 to +100
-55 to +100
120
75
562
-
7.0
3.0
2.2
20
Green
H.E .G reen
CMD6431
Diffus ed
Diffus ed
Diffus ed
Diffus ed
55
5
5
55
5
5
MIN.
1.00
.340
±.010
.100
CAT HODE
SQ.T Y P .
.020
±.003
.040
.190
±.010
Ø 230
.050
All dimensions in inches.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CMD6431

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD64 SUMIDA-CMD64 Datasheet
121Kb / 1P
   General Power Transformer
logo
Chicago Miniature Lamp,...
CMD6451 CML-CMD6451 Datasheet
65Kb / 1P
   T-1 3/4 High Contrast LED Lamps
CMD64520 CML-CMD64520 Datasheet
66Kb / 1P
   T-1 3/4 Clear Lens LED Lamps
CMD64521 CML-CMD64521 Datasheet
66Kb / 1P
   T-1 3/4 Clear Lens LED Lamps
CMD6461 CML-CMD6461 Datasheet
65Kb / 1P
   T-100 (T-1) Bi-Color /Bi-Polar LED Lamps
More results

Similar Description - CMD6431

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
LUMEX INC.
SSI-LXR5093GD LUMEX-SSI-LXR5093GD Datasheet
71Kb / 1P
   T-1 3/4 AMBER DIFFUSED LED
SSI-LXR5093ID LUMEX-SSI-LXR5093ID Datasheet
73Kb / 1P
   T-1 3/4 AMBER DIFFUSED LED
SSI-LXR5093AD LUMEX-SSI-LXR5093AD Datasheet
53Kb / 1P
   T-1 3/4 AMBER DIFFUSED LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com