Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1797B Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 1797B
Description  DSL Magnetics RM5 Through-Hole Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

1797B Datasheet(HTML) 1 Page - Bel Fuse Inc.

  1797B Datasheet HTML 1Page - Bel Fuse Inc. 1797B Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 07.00
DSL Magnetics
RM5 Through-Hole Inductors
TM00332
SCHEMATIC
1797A
1797B
1797C
1797D
Designed with two well balanced and coupled windings
for use in ADSL applications where filtering is required
Withstand 100A surge of 10/700 µs pulse
Operating temperature range: -40° C to +85° C
ELECTRICAL SPECIFICATIONS AT 25° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
1
3
4
2
T3-81
r
e
b
m
u
N
t
r
a
P
s
n
r
u
T
o
i
t
a
R
1
%
2
±
e
c
n
a
t
c
u
d
n
I
2
H
m
R
C
D
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
3
x
a
m
H
µ
g
n
i
t
a
R
c
i
r
t
c
e
l
e
i
D
s
m
r
V
)
2
-
4
(
:
)
3
-
1
(
)
3
-
1
(
)
3
-
1
(
n
i
m
)
3
-
1
(
)
2
-
4
(
)
3
-
1
(
n
e
e
w
t
e
b
d
n
a
)
2
-
4
(
&
)
3
-
1
(
s
e
r
o
c
&
,
2
,
1
A
7
9
7
11
:
13
.
3
-
35
8
.
2
4
7
.
2
-
1
.
27
.
2
-
1
.
25
0
0
0
1
B
7
9
7
11
:
15
6
.
2
-
4
.
23
.
2 4
6
.
3
-
0
.
36
.
3
-
0
.
35
0
0
0
1
C
7
9
7
11
:
13
7
.
4
-
3
.
41
.
4 4
1
.
5
-
0
.
41
.
5
-
0
.
46
0
0
0
1
D
7
9
7
11
:
14
.
8
-
6
.
73
.
7 5
8
.
5
-
3
.
48
.
5
-
3
.
46
0
0
0
1
s
m
r
V
1
,
z
H
k
0
2
t
a
d
e
r
u
s
a
e
m
.
1
s
m
r
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
2
s
m
r
V
1
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
3
C
D
A
m
0
0
1
,
s
m
r
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
4
C
D
A
m
0
4
,
s
m
r
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
5


Similar Part No. - 1797B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1797B ETC2-1797B Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
More results

Similar Description - 1797B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF9355-RM4 XFMRS-XF9355-RM4 Datasheet
36Kb / 1P
   DSL Magnetics RM5 Through-Hole Inductors
XF9355-RM4 XFMRS-XF9355-RM4 Datasheet
36Kb / 1P
   DSL Magnetics RM5 Through-Hole Inductors
XF0043-RM5 XFMRS-XF0043-RM5 Datasheet
35Kb / 1P
   DSL Magnetics RM5 Through-Hole Inductors
logo
Bel Fuse Inc.
S560-6600-BE BEL-S560-6600-BE Datasheet
63Kb / 2P
   DSL Magnetics
2718AF2 BEL-2718AF2 Datasheet
42Kb / 2P
   ADSL MAGNETICS Through Hole Transformers
0581-5999-05 BEL-0581-5999-05 Datasheet
35Kb / 2P
   POWER MAGNETICS Through Hole Inductor
2741R2 BEL-2741R2 Datasheet
45Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Magnetics
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Dongguan Xinkang Electr...
TDA002 TNK-TDA002 Datasheet
143Kb / 1P
   ADSL Line Transformer Through Hole Magnetics
logo
Allied Components Inter...
AEP028DI ALLIED-AEP028DI Datasheet
436Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com