Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1117IKVUR Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV1117IKVUR
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1117IKVUR Datasheet(HTML) 5 Page - Texas Instruments

  TLV1117IKVUR Datasheet HTML 1Page - Texas Instruments TLV1117IKVUR Datasheet HTML 2Page - Texas Instruments TLV1117IKVUR Datasheet HTML 3Page - Texas Instruments TLV1117IKVUR Datasheet HTML 4Page - Texas Instruments TLV1117IKVUR Datasheet HTML 5Page - Texas Instruments TLV1117IKVUR Datasheet HTML 6Page - Texas Instruments TLV1117IKVUR Datasheet HTML 7Page - Texas Instruments TLV1117IKVUR Datasheet HTML 8Page - Texas Instruments TLV1117IKVUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
Recommended Operating Conditions
TLV1117
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
SLVS561G – DECEMBER 2004 – REVISED APRIL 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
Continuous input voltage
16
V
TJ
Operating virtual-junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JP
(2)
θ
JC
θ
JA
PowerFLEX (KTE)
High K, JESD 51-5
2.7
°C/W
11.6
°C/W
23.3
°C/W
PowerFLEX/TO-252 (KTP)
High K, JESD 51-5
1.4
°C/W
19.2
°C/W
27.6
°C/W
QFN (DRJ)
High K, JESD 51-5
1.78
°C/W
46.5
°C/W
SOT-223 (DCY)
High K, JESD 51-7
30.6
°C/W
52.8
°C/W
TO-252 (KVU)
High K, JESD 51-5
TBD
30.3
°C/W
TO-220 (KCS)
High K, JESD 51-5
3
°C/W
17
°C/W
19
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(2)
For packages with exposed thermal pads, such as QFN, PowerPAD™, and PowerFLEX,
θ
JP is defined as the thermal resistance
between the die junction and the bottom of the exposed pad.
MIN(1)
MAX
UNIT
TLV1117
2.7
15
TLV1117-15
2.9
15
TLV1117-18
3.2
15
VIN
Input voltage
V
TLV1117-25
3.9
15
TLV1117-33
4.7
15
TLV1117-50
6.4
15
IO
Output current
0.8
A
TLV1117C
0
125
TJ
Operating virtual-junction temperature
°C
TLV1117I
–40
125
(1)
The input-to-output differential across the regulator should provide for some margin against regulator operation at the maximum dropout
(for a particular current value). This margin is needed to account for tolerances in both the input voltage (lower limit) and the output
voltage (upper limit). The absolute minimum VIN for a desired maximum output current can be calculated by the following:
VIN(min) = VOUT(max) + VDO(max @ rated current)
5
Submit Documentation Feedback


Similar Part No. - TLV1117IKVUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117IKVURG3 TI1-TLV1117IKVURG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1117IKVUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com