Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C652IFAA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P83C652IFAA
Description  CMOS single-chip 8-bit microcontrollers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C652IFAA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P83C652IFAA Datasheet HTML 4Page - NXP Semiconductors P83C652IFAA Datasheet HTML 5Page - NXP Semiconductors P83C652IFAA Datasheet HTML 6Page - NXP Semiconductors P83C652IFAA Datasheet HTML 7Page - NXP Semiconductors P83C652IFAA Datasheet HTML 8Page - NXP Semiconductors P83C652IFAA Datasheet HTML 9Page - NXP Semiconductors P83C652IFAA Datasheet HTML 10Page - NXP Semiconductors P83C652IFAA Datasheet HTML 11Page - NXP Semiconductors P83C652IFAA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
8
ROM CODE PROTECTION
(83C652)
The 8XC652 has an additional security
feature. ROM code protection may be
selected by setting a mask–programmable
security bit (i.e., user dependent). This
feature may be requested during ROM code
submission. When selected, the ROM code is
protected and cannot be read out at any time
by any test mode or by any instruction in the
external program memory space.
The MOVC instructions are the only
instructions that have access to program
code in the internal or external program
memory. The EA input is latched during
RESET and is “don’t care” after RESET
(also if the security bit is not set). This
implementation prevents reading internal
program code by switching from external
program memory to internal program memory
during a MOVC instruction or any other
instruction that uses immediate data.
OSCILLATOR
CHARACTERISTICS
XTAL1 and XTAL2 are the input and output,
respectively, of an inverting amplifier. The
pins can be configured for use as an on-chip
oscillator, as shown in the Logic Symbol,
page 2.
To drive the device from an external clock
source, XTAL1 should be driven while XTAL2
is left unconnected. There are no
requirements on the duty cycle of the
external clock signal, because the input to
the internal clock circuitry is through a
divide-by-two flip-flop. However, minimum
and maximum high and low times specified in
the data sheet must be observed.
Reset
A reset is accomplished by holding the RST
pin high for at least two machine cycles (24
oscillator periods), while the oscillator is
running. To insure a good power-on reset, the
RST pin must be high long enough to allow
the oscillator time to start up (normally a few
milliseconds) plus two machine cycles. At
power-on, the voltage on VDD and RST must
come up at the same time for a proper
start-up.
Idle Mode
In the idle mode, the CPU puts itself to sleep
while all of the on-chip peripherals stay
active. The instruction to invoke the idle
mode is the last instruction executed in the
normal operating mode before the idle mode
is activated. The CPU contents, the on-chip
RAM, and all of the special function registers
remain intact during this mode. The idle
mode can be terminated either by any
enabled interrupt (at which time the process
is picked up at the interrupt service routine
and continued), or by a hardware reset which
starts the processor in the same manner as a
power-on reset.
Power-Down Mode
In the power-down mode, the oscillator is
stopped and the instruction to invoke
power-down is the last instruction executed.
Only the contents of the on-chip RAM are
preserved. A hardware reset is the only way
to terminate the power-down mode. The
control bits for the reduced power modes are
in the special function register PCON. Table 2
shows the state of the I/O ports during low
current operating modes.
I2C Serial Communication—SIO1
The I2C serial port is identical to the I2C
serial port on the 8XC552. The operation of
this subsystem is described in detail in the
8XC552 section of this manual.
Note that in both the 8XC652/4 and the
8XC552 the I2C pins are alternate functions
to port pins P1.6 and P1.7. Because of this,
P1.6 and P1.7 on these parts do not have a
pull-up structure as found on the 80C51.
Therefore P1.6 and P1.7 have open drain
outputs on the 8XC652/4.
Table 2.
External Pin Status During Idle and Power-Down Mode
MODE
PROGRAM
MEMORY
ALE
PSEN
PORT 0
PORT 1
PORT 2
PORT 3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power-down
Internal
0
0
Data
Data
Data
Data
Power-down
External
0
0
Float
Data
Data
Data
Serial Control Register (S1CON) – See Table 3
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
S1CON (D8H)
Bits CR0, CR1 and CR2 determine the serial clock frequency that is generated in the master mode of operation.
Table 3.
Serial Clock Rates
BIT FREQUENCY (kHz) AT fOSC
CR2
CR1
CR0
6MHz
12MHz
16MHz
24MHz
fOSC DIVIDED BY
0
0
0
23
47
62.5
94
256
0
0
1
27
54
71
1071
224
0
1
0
31.25
62.5
83.3
1251
192
0
1
1
37
75
100
1501
160
1
0
0
6.25
12.5
17
25
960
1
0
1
50
100
1331
2001
120
1
1
0
100
2001
2671
4001
60
1
1
1
0.24 < 62.5
0 to 255
0.49 < 62.5
0 to 254
0.65 < 55.6
0 to 253
0.98 < 50.0
0 to 251
96
× (256 – (reload value Timer 1))
reload value range Timer 1 (in mode 2)
NOTES:
1. These frequencies exceed the upper limit of 100kHz of the I2C-bus specification and cannot be used in an I2C-bus application.


Similar Part No. - P83C652IFAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C652IFAA PHILIPS-P83C652IFAA Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
P83C652IFAA NXP-P83C652IFAA Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results

Similar Description - P83C652IFAA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com