Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1117-25IKCS Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV1117-25IKCS
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1117-25IKCS Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1117-25IKCS Datasheet HTML 5Page - Texas Instruments TLV1117-25IKCS Datasheet HTML 6Page - Texas Instruments TLV1117-25IKCS Datasheet HTML 7Page - Texas Instruments TLV1117-25IKCS Datasheet HTML 8Page - Texas Instruments TLV1117-25IKCS Datasheet HTML 9Page - Texas Instruments TLV1117-25IKCS Datasheet HTML 10Page - Texas Instruments TLV1117-25IKCS Datasheet HTML 11Page - Texas Instruments TLV1117-25IKCS Datasheet HTML 12Page - Texas Instruments TLV1117-25IKCS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
Temperature (5C)
125
100
75
50
25
0
−25
−50
150
60
70
80
90
100
110
120
130
140
150
Temperature (5C)
125
100
75
50
25
0
−25
−50
150
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
Time (ms)
−0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
−60
20
0
−20
−40
CIN = 10 mF
COUT = 10-mF Tantalum
VIN = 4.8 V
Preload = 0.1 A
Output-Voltage Deviation
Load Current
−20
−10
0
10
20
30
40
50
60
70
80
90
100
Time (ms)
1
2
3
4
5
6
7
CIN = 0.1 mF
COUT = 10-mF Tantalum
IOUT = 0.1 A
−40 −20
0
20
40
60
80 100 120 140
Input Voltage
Output-Voltage Deviation
TLV1117
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
SLVS561G – DECEMBER 2004 – REVISED APRIL 2006
TYPICAL CHARACTERISTICS (continued)
TEMPERATURE STABILITY
ADJ PIN CURRENT
vs
TEMPERATURE
TLV1117-33 LOAD TRANSIENT RESPONSE
TLV1117-33 LINE TRANSIENT RESPONSE
9
Submit Documentation Feedback


Similar Part No. - TLV1117-25IKCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117-25IKCS TI1-TLV1117-25IKCS Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-25IKCS TI-TLV1117-25IKCS Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1117-25IKCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com