Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C652IFBB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P80C652IFBB
Description  CMOS single-chip 8-bit microcontrollers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C652IFBB Datasheet(HTML) 4 Page - NXP Semiconductors

  P80C652IFBB Datasheet HTML 1Page - NXP Semiconductors P80C652IFBB Datasheet HTML 2Page - NXP Semiconductors P80C652IFBB Datasheet HTML 3Page - NXP Semiconductors P80C652IFBB Datasheet HTML 4Page - NXP Semiconductors P80C652IFBB Datasheet HTML 5Page - NXP Semiconductors P80C652IFBB Datasheet HTML 6Page - NXP Semiconductors P80C652IFBB Datasheet HTML 7Page - NXP Semiconductors P80C652IFBB Datasheet HTML 8Page - NXP Semiconductors P80C652IFBB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
4
ORDER INFORMATION
PHILIPS
PART ORDER NUMBER
PART MARKING
PHILIPS NORTH AMERICA
PART ORDER NUMBER
TEMPERATURE RANGE
(
°C)
FREQ
MH 12
ROMless
ROM3
Drawing
Number
ROMless
ROM
EPROM2
(
)
AND PACKAGE
MHz1,2
P80C652EBP
P83C652EBP/xxx
SOT129-1
P80C652EBPN
P83C652EBPN
S87C652-4N40
0 to +70,
Plastic Dual In-line Package
16
P80C652EBA
P83C652EBA/xxx
SOT187-2
P80C652EBAA
P83C652EBAA
S87C652-4A44
0 to +70,
Plastic Leaded Chip Carrier
16
P80C652EBB
P83C652EBB/xxx
SOT307-2
P80C652EBBB
P83C652EBBB
S87C652-4B44
0 to +70,
Plastic Quad Flat Pack
16
P80C652EFP
P83C652EFP/xxx
SOT129-1
P80C652EFPN
P83C652EFPN
S87C652-5N40
–40 to +85,
Plastic Dual In-line Package
16
P80C652EFA
P83C652EFA/xxx
SOT187-2
P80C652EFAA
P83C652EFAA
S87C652-5A44
–40 to +85,
Plastic Leaded Chip Carrier
16
P80C652EFB
P83C652EFB/xxx
SOT307-2
P80C652EFBB
P83C652EFBB
S87C652-5B44
–40 to +85,
Plastic Quad Flat Pack
16
P80C652EHP
P83C652EHP/xxx
SOT129-1
P80C652EHPN
P83C652EHPN
–40 to +125,
Plastic Dual In-line Package
16
P80C652EHA
P83C652EHA/xxx
SOT187-2
P80C652EHAA
P83C652EHAA
–40 to +125,
Plastic Leaded Chip Carrier
16
P80C652EHB
P83C652EHB/xxx
SOT307-2
P80C652EHBB
P83C652EHBB
–40 to +125,
Plastic Quad Flat Pack
16
P80C652IBP
P83C652IBP/xxx
SOT129-1
P80C652IBPN
P83C652IBPN
0 to +70,
Plastic Dual In-line Package
24
P80C652IBA
P83C652IBA/xxx
SOT187-2
P80C652IBAA
P83C652IBAA
0 to +70,
Plastic Leaded Chip Carrier
24
P80C652IBB
P83C652IBB/xxx
SOT307-2
P80C652IBBB
P83C652IBBB
0 to +70,
Plastic Quad Flat Pack
24
P80C652IFP
P83C652IFP/xxx
SOT129-1
P80C652IFPN
P83C652IFPN
–40 to +85,
Plastic Dual In-line Package
24
P80C652IFA
P83C652IFA/xxx
SOT187-2
P80C652IFAA
P83C652IFAA
–40 to +85,
Plastic Leaded Chip Carrier
24
P80C652IFB
P83C652IFB/xxx
SOT307-2
P80C652IFBB
P83C652IFBB
–40 to +85,
Plastic Quad Flat Pack
24
NOTES:
1. 80C652 and 83C652 frequency range is 3.5MHz–16MHz or 3.5MHz–24MHz.
2. For specification of the EPROM version, see the 87C652 data sheet.
3. xxx denotes the ROM code number.


Similar Part No. - P80C652IFBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C652IFBB PHILIPS-P80C652IFBB Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
P80C652IFBB PHILIPS-P80C652IFBB Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
P80C652IFBB NXP-P80C652IFBB Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results

Similar Description - P80C652IFBB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com