Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C654IBBB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P83C654IBBB
Description  CMOS single-chip 8-bit microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C654IBBB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P83C654IBBB Datasheet HTML 6Page - NXP Semiconductors P83C654IBBB Datasheet HTML 7Page - NXP Semiconductors P83C654IBBB Datasheet HTML 8Page - NXP Semiconductors P83C654IBBB Datasheet HTML 9Page - NXP Semiconductors P83C654IBBB Datasheet HTML 10Page - NXP Semiconductors P83C654IBBB Datasheet HTML 11Page - NXP Semiconductors P83C654IBBB Datasheet HTML 12Page - NXP Semiconductors P83C654IBBB Datasheet HTML 13Page - NXP Semiconductors P83C654IBBB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Philips Semiconductors
Product specification
83C654
CMOS single-chip 8-bit microcontroller
1998 Jan 06
10
DC ELECTRICAL CHARACTERISTICS
VSS = 0V, VDD = 5V ± 10%
TEST
LIMITS
SYMBOL
PARAMETER
PART TYPE
CONDITIONS
MIN.
MAX.
UNIT
VIL
Input low voltage,
tEA P1 6/SCL P1 7/SDA
0 to +70
°C
–0.5
0.2VDD–0.1
V
except EA, P1.6/SCL, P1.7/SDA
–40 to +85
°C
–0.5
0.2VDD–0.15
V
–40 to +125
°C
–0.5
0.2VDD–0.25
V
VIL1
Input low voltage to EA
0 to +70
°C
–0.5
0.2VDD–0.3
V
–40 to +85
°C
–0.5
0.2VDD–0.35
V
–40 to +125
°C
–0.5
0.2VDD–0.45
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA6
–0.5
0.3VDD
V
VIH
Input high voltage, except XTAL1, RST,
P1 6/SCL P1 7/SDA
0 to +70
°C
0.2VDD+0.9
VDD+0.5
V
P1.6/SCL, P1.7/SDA
–40 to +85
°C
0.2VDD+1.0
VDD+0.5
V
–40 to +125
°C
0.2VDD+1.0
VDD+0.5
V
VIH1
Input high voltage, XTAL1, RST
0 to +70
°C
0.7VDD
VDD+0.5
V
–40 to +85
°C
0.7VDD+0.1
VDD+0.5
V
–40 to +125
°C
0.7VDD+0.1
VDD+0.5
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA6
0.7VDD
6.0
V
VOL
Output low voltage, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
IOL = 1.6mA8, 9
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN
IOL = 3.2mA8, 9
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0mA
0.4
V
VOH
Output high voltage, ports 1, 2, 3, ALE, PSEN10
IOH = –60µA
2.4
V
IOH = –25µA
0.75VDD
V
IOH = –10µA
0.9VDD
V
VOH1
Output high voltage; port 0 in external bus mode
IOH = –800µA
2.4
V
IOH = –300µA
0.75VDD
V
IOH = –80µA
0.9VDD
V
IIL
Logical 0 input current, ports 1, 2, 3,
t P1 6/SCL P1 7/SDA
0 to +70
°C
VIN = 0.45V
–50
µA
except P1.6/SCL, P1.7/SDA
–40 to +85
°C
–75
µA
–40 to +125
°C
–75
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3,
t P1 6/SCL P1 7/SDA
0 to +70
°C
See note 7
–650
µA
except P1.6/SCL, P1.7/SDA
–40 to +85
°C
–750
µA
–40 to +125
°C
–750
µA
IL1
Input leakage current, port 0, EA
0.45V < VI < VDD
±10
µA
IL2
Input leakage current, P1.6/SCL, P1.7/SDA
0V < VI < 6.0V
±10
µA
0V < VDD < 6.0V
µA
IDD
Power supply current:
See note 1
Active mode @ 16MHz2, 11
VDD=5.5V
28.0
mA
Active mode @ 24MHz2, 11
VDD=5.5V
35.0
mA
Idle mode @ 16MHz3, 11
6
mA
Idle mode @ 24MHz3, 11
7
mA
Power down mode4, 5
50
µA
Power down mode4, 5
–40 to +125
°C
100
µA
RRST
Internal reset pull-down resistor
50
150
k
CIO
Pin capacitance
Freq.=1MHz
10
pF
NOTES:
1. See Figures 9 through 11 for IDD test conditions.
2. The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 5ns;
VIL = VSS + 0.5V; VIH = VDD –0.5V; XTAL2 not connected; EA = RST = Port 0 = P1.6 = P1.7 = VDD. See Figure 9.
3. The idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 5ns; VIL = VSS + 0.5V;
VIH = VDD –0.5V; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VDD; EA = RST = VSS. See Figure 10.
4. The power-down current is measured with all output pins disconnected; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VDD;
EA = RST = VSS. See Figure 11.
5. 2V
≤ VPD ≤ VDDmax.
6. The input threshold voltage of P1.6 and P1.7 (SIO1) meets the I2C specification, so an input voltage below 0.3VDD will be recognized as a
logic 0 while an input voltage above 0.7VDD will be recognized as a logic 1.


Similar Part No. - P83C654IBBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C654IBB PHILIPS-P83C654IBB Datasheet
480Kb / 28P
   CMOS single-chip 8-bit microcontroller
1996 Aug 16
More results

Similar Description - P83C654IBBB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com