Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7AH-06E Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S7AH-06E
Description  NON-ISOLATED DC/DC CONVERTERS 4.5 - 13.2V Input / 1.0 - 3.3V Output / 6A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-06E Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S7AH-06E Datasheet HTML 1Page - Bel Fuse Inc. S7AH-06E Datasheet HTML 2Page - Bel Fuse Inc. S7AH-06E Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 – 13.2V Input / 1.0 – 3.3V Output / 6A
Compact surface mount package
High efficiency means less power dissipation
Remote on/off
Extra wide input voltage range
Ideal for Intermediate Bus Architecture applications
Description
The S/V7AH-06E Series are non-isolated step down DC/DC converters
that operate from with an extra wide input range (4.5V to 13.2V). This allows them to operate from a nominal 5V
or 12V source or from an unregulated source such as a bus converter in an Intermediate Bus Architecture
application. These modules are available in a range of output voltages from 1.0V to 3.3V. They are offered in a
compact ovemolded package rated at 6A. Optional lead-forming provides a vertical mount product for minimal
footprint or a surface mount option for very low profile. Standard features include remote on/off, over current
protection and output voltage adjust. These products maybe used almost anywhere low-voltage silicon is being
employed and a nominal 5 – 12V source is available. Typical applications include file servers, routers, line
cards, and other computing and communications equipment.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency*
Part Number
Surface Mount
Part Number
Vertical Mount
3.3V
4.5 – 13.2V
6A
19.8W
90%
S7AH-06E330
V7AH-06E330
2.5V
4.5 – 13.2V
6A
15.0W
88%
S7AH-06E250
V7AH-06E250
1.8V
4.5 – 13.2V
6A
10.8W
85%
S7AH-06E180
V7AH-06E180
1.5V
4.5 – 13.2V
6A
9.0W
84%
S7AH-06E150
V7AH-06E150
1.2V
4.5 – 13.2V
6A
7.2W
82%
S7AH-06E120
V7AH-06E120
* Typical Efficiency at Vin= 8V (slightly higher for Vin = 5V, slightly lower for Vin = 12V)
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage Range
4.5 VDC
13.2 VDC
Input Current (no load)
50mA
Input Current (full load)
5.7A
Reflected Ripple Current
60mA rms
150mA pk-pk
120mA rms
250mA pk-pk
With a simulated source
impedance of 500nH, 5Hz to
20 MHz
Output Specifications
Parameter
Min
Typ
Max
Notes
Voltage Adjustability
90%
110%
Output Current
0A
6A
Setpoint Accuracy
-2.5%
+2.5%
Total Regulation
-2.0%
+2.0%
Includes line, load and
temperature.
Ripple and Noise
100mV pk-pk
50mV rms
0 to 20MHz Bandwidth
Use 1.0uF ceramic and 10uF
Aluminum on output
S7AH-06E / V7AH-06E Series
PRELIMINARY


Similar Part No. - S7AH-06E

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-06E100 BEL-S7AH-06E100 Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
S7AH-06E120 BEL-S7AH-06E120 Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
S7AH-06E150 BEL-S7AH-06E150 Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
S7AH-06E180 BEL-S7AH-06E180 Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
S7AH-06E250 BEL-S7AH-06E250 Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
More results

Similar Description - S7AH-06E

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PB-06B BEL-V7PB-06B Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
G7NC-C2A160 BEL-G7NC-C2A160 Datasheet
123Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 10.3 -13.2V Input / Programmable Output / 120A VRM 10.1
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com