Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5521IPAPR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS5521IPAPR
Description  12-Bit, 105MSPS Analog-toDigital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5521IPAPR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS5521IPAPR Datasheet HTML 2Page - Burr-Brown (TI) ADS5521IPAPR Datasheet HTML 3Page - Burr-Brown (TI) ADS5521IPAPR Datasheet HTML 4Page - Burr-Brown (TI) ADS5521IPAPR Datasheet HTML 5Page - Burr-Brown (TI) ADS5521IPAPR Datasheet HTML 6Page - Burr-Brown (TI) ADS5521IPAPR Datasheet HTML 7Page - Burr-Brown (TI) ADS5521IPAPR Datasheet HTML 8Page - Burr-Brown (TI) ADS5521IPAPR Datasheet HTML 9Page - Burr-Brown (TI) ADS5521IPAPR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADS5521
SBAS309 − MAY 2004
www.ti.com
6
TIMING CHARACTERISTCS
16.5 Clock Cycles
Input Clock
Output Clock
Data Out
(D0−D11)
Analog
Input
Signal
Sample
N
N+ 1
N+ 2
N+ 3
N+4
N+ 15
N+ 1 6
N+1 7
N
− 17
N
− 16
N
− 15
N
− 13
N
− 3N − 2N − 1N
t
A
t
SETUP
t
HOLD
Data Invalid
t
PDI
NOTE: It is recommended that the loading at CLKOUT and all data lines are accurately matched to ensure that the above timing
matches closely with the specified values.
Figure 1. Timing Diagram
TIMING CHARACTERISTICS
Typ, min, and max values at TA = +25°C, full temperature range is TMIN = −40°C to tMAX = +85°C, sampling rate = 105MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3V, DLL On, −1dBFS differential input, and 3VPP differential clock, unless otherwise noted.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Switching Specification
Aperture delay, tA
Input CLK falling edge to data sampling point
1
ns
Aperture jitter (uncertainty)
Uncertainty in sampling instant
300
fs
Data setup time, tSETUP
Data valid to 50% of CLKOUT rising edge
TBD
ns
Data hold time, tHOLD
CLKOUT rising edge to data becoming invalid
TBD
ns
Data latency, tD(Pipe)
Input clock falling edge (on which sampling
takes place) to input clock rising edge (on
which the corresponding data is given out)
16.5
Clock Cycles
Propagation delay, tPDI
Input clock rising edge to data valid
TBD
ns
Data rise time
Data out 20% to 80%
2.5
ns
Data fall time
Data out 80% to 20%
2.5
ns
Output enable (OE) to
output stable delay
2
ms
SERIAL PROGRAMMING INTERFACE CHARACTERISTICS
The device has a three-wire serial interface. The device
latches the serial data SDATA on the falling edge of
serial clock SCLK when SEN is active.
D Serial shift of bits is enabled when SEN is low.
SCLK shifts serial data at falling edge.
D Minimum width of data stream for a valid loading is
16 clocks.
D Data is loaded at every 16th SCLK falling edge
while SEN is low.
D In case the word length exceeds a multiple of 16
bits, the excess bits are ignored.
D Data can be loaded in multiple of 16-bit words within
a single active SEN pulse.


Similar Part No. - ADS5521IPAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5521IPAPR TI1-ADS5521IPAPR Datasheet
698Kb / 36P
[Old version datasheet]   12-Bit, 105MSPS Analog-To-Digital Converter
ADS5521IPAPRG4 TI1-ADS5521IPAPRG4 Datasheet
698Kb / 36P
[Old version datasheet]   12-Bit, 105MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5521IPAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5521 TI1-ADS5521 Datasheet
698Kb / 36P
[Old version datasheet]   12-Bit, 105MSPS Analog-To-Digital Converter
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
logo
Linear Technology
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
logo
Analog Devices
AD10201 AD-AD10201 Datasheet
762Kb / 20P
   DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV. 0
logo
Linear Technology
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
   12-Bit,105Msps/80Msps ADCs
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com