Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5392BCP-3 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5392BCP-3
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392BCP-3 Datasheet(HTML) 3 Page - Analog Devices

  AD5392BCP-3 Datasheet HTML 1Page - Analog Devices AD5392BCP-3 Datasheet HTML 2Page - Analog Devices AD5392BCP-3 Datasheet HTML 3Page - Analog Devices AD5392BCP-3 Datasheet HTML 4Page - Analog Devices AD5392BCP-3 Datasheet HTML 5Page - Analog Devices AD5392BCP-3 Datasheet HTML 6Page - Analog Devices AD5392BCP-3 Datasheet HTML 7Page - Analog Devices AD5392BCP-3 Datasheet HTML 8Page - Analog Devices AD5392BCP-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Preliminary Technical Data
AD5378
Rev. PrA | Page 3 of 28
GENERAL DESCRIPTION
The AD5378 contains 32 14-bit DACs in one CSPBGA package.
The AD5378 provides a bipolar output range determined by the
voltages applied to the VREF(+) and VREF(−) inputs. The maximum
output voltage span is 17.5 V, corresponding to a bipolar output
range of −8.75 V to +8.75 V, and is achieved with reference volt-
ages of VREF(−) = −3.5 V and VREF(+) = +5 V.
The AD5378 guarantees operation over a wide VSS/VDD supply
range from ±11.4 V to ±16.5 V. The output amplifier headroom
requirement is 2.5 V operating with a load current of 1.5 mA,
and 2 V operating with a load current of 0.5 mA.
The AD5378 contains a double-buffered parallel interface in
which 14 data bits are loaded into one of the input registers
under the control of the WR, CS, and DAC channel address
pins, A0 to A7. It also has a 3-wire serial interface, which is
compatible with SPI®, QSPI™, MICROWIRE™, and DSP inter-
face standards and can handle clock speeds of up to 50 MHz.
The DAC outputs are updated when the DAC registers receive
new data. All the outputs can be updated simultaneously by
taking the LDAC input low. Each channel has a programmable
gain and an offset adjust register.
Each DAC output is gained and buffered on-chip with respect
to an external REFGND input. The DAC outputs can also be
switched to REFGND via the CLR pin. Table 1 and Table 2
show the product portfolio for high channel count bipolar and
unipolar voltage output DACs.
Table 1. 40-Channel, Bipolar, Voltage Output DAC
Model
Resolution
Analog Supplies
Output
Channels
Linearity Error (LSB)
Package
Description
Package Option
AD5379ABC
14 Bits
±11.4 V to ±16.5 V
40
±3
108-Lead CSPBGA
BC-108
Table 2. High Channel Count, Low Voltage, Single-Supply DACs
Model
Resolution
AVDD Range
Output
Channels
Linearity Error (LSB)
Package
Description
Package Option
AD5380BST-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead LQFP
ST-100
AD5380BST-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead LQFP
ST-100
AD5381BST-5
12 Bits
4.5 V to 5.5 V
40
±1
100-Lead LQFP
ST-100
AD5381BST-3
12 Bits
2.7 V to 3.6 V
40
±1
100-Lead LQFP
ST-100
AD5384BBC-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead CSPBGA
BC-100
AD5384BBC-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead CSPBGA
BC-100
AD5382BST-5
14 Bits
4.5 V to 5.5 V
32
±4
100-Lead LQFP
ST-100
AD5382BST-3
14 Bits
2.7 V to 3.6 V
32
±4
100-Lead LQFP
ST-100
AD5383BST-5
12 Bits
4.5 V to 5.5 V
32
±1
100-Lead LQFP
ST-100
AD5383BST-3
12 Bits
2.7 V to 3.6 V
32
±1
100-Lead LQFP
ST-100
AD5390BST-5
14 Bits
4.5 V to 5.5 V
16
±3
52-Lead LQFP
ST-52
AD5390BCP-5
14 Bits
4.5 V to 5.5 V
16
±3
64-Lead LFCSP
CP-64
AD5390BST-3
14 Bits
2.7 V to 3.6 V
16
±4
52-Lead LQFP
ST-52
AD5390BCP-3
14 Bits
2.7 V to 3.6 V
16
±4
64-Lead LFCSP
CP-64
AD5391BST-5
12 Bits
4.5 V to 5.5 V
16
±1
52-Lead LQFP
ST-52
AD5391BCP-5
12 Bits
4.5 V to 5.5 V
16
±1
64-Lead LFCSP
CP-64
AD5391BST-3
12 Bits
2.7 V to 3.6 V
16
±1
52-Lead LQFP
ST-52
AD5391BCP-3
12 Bits
2.7 V to 3.6 V
16
±1
64-Lead LFCSP
CP-64
AD5392BST-5
14 Bits
4.5 V to 5.5 V
8
±3
52-Lead LQFP
ST-52
AD5392BCP-5
14 Bits
4.5 V to 5.5 V
8
±3
64-Lead LFCSP
CP-64
AD5392BST-3
14 Bits
2.7 V to 3.6 V
8
±4
52-Lead LQFP
ST-52
AD5392BCP-3
14 Bits
2.7 V to 3.6 V
8
±4
64-Lead LFCSP
CP-64


Similar Part No. - AD5392BCP-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392BCP-3 AD-AD5392BCP-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5392BCP-3 AD-AD5392BCP-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5392BCP-3-REEL AD-AD5392BCP-3-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5392BCP-3-REEL7 AD-AD5392BCP-3-REEL7 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Similar Description - AD5392BCP-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com