Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C52 Datasheet(PDF) 7 Page - Intel Corporation

Part # TS80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TS80C52 Datasheet(HTML) 7 Page - Intel Corporation

Back Button TS80C52 Datasheet HTML 3Page - Intel Corporation TS80C52 Datasheet HTML 4Page - Intel Corporation TS80C52 Datasheet HTML 5Page - Intel Corporation TS80C52 Datasheet HTML 6Page - Intel Corporation TS80C52 Datasheet HTML 7Page - Intel Corporation TS80C52 Datasheet HTML 8Page - Intel Corporation TS80C52 Datasheet HTML 9Page - Intel Corporation TS80C52 Datasheet HTML 10Page - Intel Corporation TS80C52 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
8XC525458
8XC5X EXPRESS
The Intel EXPRESS system offers enhancements to
the operational specifications of the MCS 51 family
of microcontrollers These EXPRESS products are
designed to meet the needs of those applications
whose operating requirements exceed commercial
standards
The EXPRESS program includes the commercial
standard temperature range with burn-in and an ex-
tended temperature range with or without burn-in
With the commercial standard temperature range
operational characteristics are guaranteed over the
temperature range of 0 Cto a70 C With the ex-
tended temperature range option operational char-
acteristics are guaranteed over the range of b40 C
to a85 C
The optional burn-in is dynamic for a minimum time
of 168 hours at 125 C with VCC e 69V g025V
following guidelines in MIL-STD-883 Method 1015
Package types and EXPRESS versions are identified
by a one- or two-letter prefix to the part number The
prefixes are listed in Table 3
For the extended temperature range option this
data sheet specifies the parameters which deviate
from their commercial temperature range limits
NOTE
Intel offers Express Temperature specifica-
tions for all 8XC5X speed options except for
33 MHz
Table 3 Prefix Identification
Prefix
Package
Temperature
Burn-In
Type
Range
P
Plastic
Commercial
No
D
Cerdip
Commercial
No
N
PLCC
Commercial
No
S
QFP
Commercial
No
TP
Plastic
Extended
No
TD
Cerdip
Extended
No
TN
PLCC
Extended
No
TS
QFP
Extended
No
LP
Plastic
Extended
Yes
LD
Cerdip
Extended
Yes
LN
PLCC
Extended
Yes
LS
QFP
Extended
Yes
NOTE
Contact distributor or local sales office to match EXPRESS prefix with proper device
EXAMPLES
P80C52 indicates 80C52 in a plastic package and specified for commercial temperature range without burn-in TD80C52
indicates 80C52 in a Cerdip package and specified for extended temperature range without burn-in
7


Similar Part No. - TS80C52

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C52X2 ATMEL-TS80C52X2 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
logo
TEMIC Semiconductors
TS80C52X2-LCAB TEMIC-TS80C52X2-LCAB Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2-LCAD TEMIC-TS80C52X2-LCAD Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
More results

Similar Description - TS80C52

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com