Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S559-6200-05 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S559-6200-05
Description  ISDN MAGNETICS Dual Surface S Interface Mount Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S559-6200-05 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S559-6200-05 Datasheet HTML 1Page - Bel Fuse Inc. S559-6200-05 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISDN MAGNETICS
©1999 Bel Fuse Inc.
Specifications subject to change without notice. 06.99
TM9924
T300
Dual Surface S Interface Mount Transformers
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
1
2
3
4
16
15
14
13
Primary
Secondary
5
6
7
8
12
11
10
9
Coil A
Coil B
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
3
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
L
C
O
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
y
r
a
m
i
r
P
D
C
x
a
m
F
p
R
C
D
x
a
m
A
l
i
o
C
B
l
i
o
C
B
&
A
l
i
o
C
A
l
i
o
C
B
l
i
o
C
B
&
A
l
i
o
C
A
l
i
o
C
B
l
i
o
C
y
r
a
m
i
r
P
y
r
a
d
n
o
c
e
S
A
l
i
o
C
B
l
i
o
C
A
l
i
o
C
B
l
i
o
C
0
0
-
0
0
2
6
-
9
5
5
S5
.
2
:
15
.
2
:
12
20
40
40
0
10
1
10
1
15
.
25
.
28
.
58
.
5
1
0
-
0
0
2
6
-
9
5
5
S2
:
12
:
12
25
15
10
0
10
80
83
.
23
.
20
.
40
.
4
2
0
-
0
0
2
6
-
9
5
5
S1
:
11
:
12
25
5
0
0
10
40
44
.
24
.
24
.
24
.
2
3
0
-
0
0
2
6
-
9
5
5
S3
5
8
.
1
:
13
5
8
.
1
:
12
25
15
10
0
10
80
85
.
25
.
23
.
43
.
4
4
0
-
0
0
2
6
-
9
5
5
S8
.
1
:
18
.
1
:
12
25
15
10
0
10
4
10
4
15
.
25
.
22
.
42
.
4
5
0
-
0
0
2
6
-
9
5
5
S1
:
12
:
12
25
5
10
0
10
40
84
.
23
.
24
.
20
.
4
Excellent longitudinal balance
Minimum interwinding breakdown voltage of 2000 Vrms
S559-6200-00
S559-6200-01
S559-6200-02
S559-6200-03
S559-6200-04
S559-6200-05


Similar Part No. - S559-6200-05

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S559-6204-06 BEL-S559-6204-06 Datasheet
32Kb / 2P
   ISDN MAGNETICS U Interface Surface Mount Transformers
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
S559-6204-18 BEL-S559-6204-18 Datasheet
64Kb / 4P
   ISDN MAGNETICS UPO Interface Transformer
S559-6204-21 BEL-S559-6204-21 Datasheet
64Kb / 4P
   ISDN MAGNETICS UPO Interface Transformer
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
   ISDN MAGNETICS UPO Interface Transformer
More results

Similar Description - S559-6200-05

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2800A BEL-2800A Datasheet
45Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
2798A BEL-2798A Datasheet
39Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
S559-6204-06 BEL-S559-6204-06 Datasheet
32Kb / 2P
   ISDN MAGNETICS U Interface Surface Mount Transformers
logo
PCA ELECTRONICS INC.
EPR1261G PCA-EPR1261G Datasheet
43Kb / 1P
   ISDN-S Interface Dual Transformers
EPR1270G PCA-EPR1270G Datasheet
27Kb / 1P
   ISDN-S Interface Dual Transformers
EPR1251G PCA-EPR1251G Datasheet
89Kb / 1P
   ISDN-S Interface Dual Transformers
logo
Bel Fuse Inc.
2718BD2 BEL-2718BD2 Datasheet
27Kb / 2P
   ISDN MAGNETICS UPO Interface Transformers
2754H2 BEL-2754H2 Datasheet
29Kb / 2P
   ISDN MAGNETICS U Interface Transformers
2754G2 BEL-2754G2 Datasheet
29Kb / 2P
   ISDN MAGNETICS U Interface Transformers
2768A BEL-2768A Datasheet
29Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com