Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3402HVMM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3402HVMM
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402HVMM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3402HVMM Datasheet HTML 1Page - National Semiconductor (TI) LM3402HVMM Datasheet HTML 2Page - National Semiconductor (TI) LM3402HVMM Datasheet HTML 3Page - National Semiconductor (TI) LM3402HVMM Datasheet HTML 4Page - National Semiconductor (TI) LM3402HVMM Datasheet HTML 5Page - National Semiconductor (TI) LM3402HVMM Datasheet HTML 6Page - National Semiconductor (TI) LM3402HVMM Datasheet HTML 7Page - National Semiconductor (TI) LM3402HVMM Datasheet HTML 8Page - National Semiconductor (TI) LM3402HVMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM3402/LM3402HV
0.5A Constant Current Buck Regulator for Driving High
Power LEDs
General Description
The LM3402/02HV are monolithic switching regulators de-
signed to deliver constant currents to high power LEDs. Ideal
for automotive, industrial, and general lighting applications,
they contain a high-side N-channel MOSFET switch with a
current limit of 735 mA (typical) for step-down (Buck) regu-
lators. Hysteretic control with controlled on-time coupled with
an external resistor allow the converter output voltage to
adjust as needed to deliver a constant current to series and
series - parallel connected arrays of LEDs of varying number
and type, LED dimming by pulse width modulation (PWM),
broken/open LED protection, low-power shutdown and ther-
mal shutdown complete the feature set.
Features
n
Integrated 0.5A N-channel MOSFET
n
V
IN Range from 6V to 42V (LM3402)
n
V
IN Range from 6V to 75V (LM3402HV)
n
500 mA Output Current Over Temperature
n
Cycle-by-Cycle Current Limit
n
No Control Loop Compensation Required
n
Separate PWM Dimming and Low Power Shutdown
n
Supports all-ceramic output capacitors and
capacitor-less outputs
n
Thermal shutdown protection
n
MSOP-8 Package
Applications
n
LED Driver
n
Constant Current Source
n
Automotive Lighting
n
General Illumination
n
Industrial Lighting
Typical Application
20192101
October 2006
© 2006 National Semiconductor Corporation
DS201921
www.national.com


Similar Part No. - LM3402HVMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402HVMM NSC-LM3402HVMM Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMM TI1-LM3402HVMM Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HVMM TI-LM3402HVMM Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HVMM TI1-LM3402HVMM Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
LM3402HVMM/NOPB TI1-LM3402HVMM/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
More results

Similar Description - LM3402HVMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com