Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S87C654-7K44 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # S87C654-7K44
Description  CMOS single-chip 8-bit microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S87C654-7K44 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button S87C654-7K44 Datasheet HTML 7Page - NXP Semiconductors S87C654-7K44 Datasheet HTML 8Page - NXP Semiconductors S87C654-7K44 Datasheet HTML 9Page - NXP Semiconductors S87C654-7K44 Datasheet HTML 10Page - NXP Semiconductors S87C654-7K44 Datasheet HTML 11Page - NXP Semiconductors S87C654-7K44 Datasheet HTML 12Page - NXP Semiconductors S87C654-7K44 Datasheet HTML 13Page - NXP Semiconductors S87C654-7K44 Datasheet HTML 14Page - NXP Semiconductors S87C654-7K44 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Philips Semiconductors
Product specification
87C654
CMOS single-chip 8-bit microcontroller
1996 Aug 16
11
DC ELECTRICAL CHARACTERISTICS
VSS = 0V
TEST
LIMITS
SYMBOL
PARAMETER
PART TYPE
CONDITIONS
MIN.
MAX.
UNIT
VIL
Input low voltage,
except EA, P1.6/SCL, P1.7/SDA
0 to +70
°C
–40 to +85
°C
–0.5
–0.5
0.2VCC–0.1
0.2VCC–0.15
V
V
VIL1
Input low voltage to EA
0 to +70
°C
–40 to +85
°C
–0.5
–0.5
0.2VCC–0.3
0.2VCC–0.35
V
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA1
–0.5
0.3VCC
V
VIH
Input high voltage,
except XTAL1, RST, P1.6/SCL, P1.7/SDA
0 to +70
°C
–40 to +85
°C
0.2VCC+0.9
0.2VCC+1.0
VCC+0.5
VCC+0.5
V
V
VIH1
Input high voltage, XTAL1, RST
0 to +70
°C
–40 to +85
°C
0.7VCC
0.7VCC+0.1
VCC+0.5
VCC+0.5
V
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA1
0.7VCC
6.0
V
VOL
Output low voltage, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
IOL = 1.6mA2, 3
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN
IOL = 3.2mA2, 3
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0mA
0.4
V
VOH
Output high voltage, ports 1, 2, 3
0 to +70
°C
–40 to +85
°C
IOH = –60µA
IOH = –25µA
2.4
0.75VCC
V
V
VOH1
Output high voltage; port 0 in external bus mode,
ALE, PSEN, RST4
0 to +70
°C
–40 to +85
°C
IOH = –400µA
IOH = –150µA
2.4
0.75VCC
V
V
IIL
Logical 0 input current, ports 1, 2, 3, 4,
except P1.6/SCL, P1.7/SDA
0 to +70
°C
–40 to +85
°C
VIN = 0.45V
–50
–75
µA
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
0 to +70
°C
–40 to +85
°C
See note 5
–650
–750
µA
µA
IL1
Input leakage current, port 0
0.45V < VI < VCC
±10
µA
IL2
Input leakage current, P1.6/SCL, P1.7/SDA
0V < VI < 6.0V
0V < VCC < 6.0V
±10
µA
µA
ICC
Power supply current:
See note 6
VCC=6.0V
Active mode @ 16MHz7
25
mA
Idle mode @ 16MHz8
6
mA
Power down mode9, 10
0 to +70
°C
50
µA
Power down mode9, 10
–40 to +85
°C
135
µA
RRST
Internal reset pull-down resistor
50
150
k
CIO
Pin capacitance
Freq.=1MHz
10
pF
NOTES: See Next Page.


Similar Part No. - S87C654-7K44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S87C654-7 PHILIPS-S87C654-7 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
S87C654-7A44 PHILIPS-S87C654-7A44 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
S87C654-7A44 PHILIPS-S87C654-7A44 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
S87C654-7N40 PHILIPS-S87C654-7N40 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
S87C654-7N40 PHILIPS-S87C654-7N40 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
More results

Similar Description - S87C654-7K44

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com