Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S560-6600-L7 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S560-6600-L7
Description  ADSL Magnetics For Fujitsu IC MB86670 Keywave
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S560-6600-L7 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S560-6600-L7 Datasheet HTML 1Page - Bel Fuse Inc. S560-6600-L7 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 08.00
ADSL Magnetics
For Fujitsu IC MB86670 Keywave
TM00308
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
S560-6600-L7
0560-6600-60
r
e
b
m
u
N
t
r
a
P
e
g
a
k
c
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
2
%
6
±
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
x
a
m
H
µ
R
C
D
x
a
m
t
c
e
r
i
D
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
c
i
r
t
c
e
l
e
i
D
g
n
i
t
a
R
n
i
m
s
m
r
V
)
7
-
9
(
:
)
5
-
1
(
1
)
5
-
1
(
1
)
5
-
1
(
3
)
7
-
9
(
)
5
-
1
(
1
w
t
e
bn
e
e
)
7
-
9
(
&
)
5
-
1
(
1
n
e
e
w
t
e
b
)
7
-
9
(
&
)
5
-
1
(
1
7
L
-
0
0
6
6
-
0
6
5
SD
M
S1
:
22
5
.
0
11
5
5
.
20
80
0
5
1
0
6
-
0
0
6
6
-
0
6
5
0T
H
T1
:
22
5
.
0
11
5
5
.
20
80
0
5
1
4
o
t
2
s
l
a
n
i
m
r
e
t
t
c
e
n
n
o
c
.
1
s
m
r
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
2
7
o
t
9
&
4
o
t
2
s
l
a
n
i
m
r
e
t
t
c
e
n
n
o
c
.
3
1
4
2
5
9
7
T3-29
Operating temperature range: -40° C to +85° C
Meets IEC 695, 2-2 flammability requirements


Similar Part No. - S560-6600-L7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-L7 BEL-S560-6600-L7 Datasheet
60Kb / 2P
   ADSL Magnetics
More results

Similar Description - S560-6600-L7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6611-20 BEL-S560-6611-20 Datasheet
56Kb / 2P
   ADSL Magnetics Fujitsu
S560-6611-19 BEL-S560-6611-19 Datasheet
56Kb / 2P
   ADSL Magnetics Fujitsu
S560-6600-T6 BEL-S560-6600-T6 Datasheet
67Kb / 2P
   ADSL Magnetics Fujitsu
S560-6600-T5 BEL-S560-6600-T5 Datasheet
67Kb / 2P
   ADSL Magnetics Fujitsu
logo
Nuvotem Talema
AEP800-T TALEMA-AEP800-T Datasheet
45Kb / 1P
   ADSL Transformers for Fujitsu Chipsets
logo
Bel Fuse Inc.
S560-6600-L8 BEL-S560-6600-L8 Datasheet
139Kb / 2P
   ADSL Magnetics For Centillium
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
Bel Fuse Inc.
0560-6100-A2 BEL-0560-6100-A2 Datasheet
46Kb / 2P
   ADSL Magnetics
S560-6600-ET BEL-S560-6600-ET Datasheet
72Kb / 2P
   ADSL MAGNETICS
S560-6600-JY BEL-S560-6600-JY Datasheet
80Kb / 2P
   ADSL MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com