Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR29-29-12CB Datasheet(PDF) 3 Page - CTS Corporation

Part # APR29-29-12CB
Description  Forged Heat Sinks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

APR29-29-12CB Datasheet(HTML) 3 Page - CTS Corporation

  APR29-29-12CB Datasheet HTML 1Page - CTS Corporation APR29-29-12CB Datasheet HTML 2Page - CTS Corporation APR29-29-12CB Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
November 2004
IERC a CTS Company
413 North Moss Street
Burbank, CA 91502
818-842-7277
www.ctscorp.com
CLIP STYLES
Material: Nylon Plastic per UL94-V0
HOW TO ORDER?
AER 19-19-12 CB /S
Part Number Series
Dimensions in mm (LxWxH)
Commercial Black Anodize
Mounting Options
Nominal
Length x Width
(mm)
0.9 mm +/- 0.3 mm
Short Height
Color: Orange
1.7 mm +/- 0.3 mm
Medium Height
Color: Blue
3.3 mm +/- 0.3 mm
Tall Height
Color: Yellow
Actual
Length x Width x
Height (mm)
19 x 19
C1919S
C1919M
C1919T
21.2 x 21.2 x 9.1
21 x 21
C2121S
C2121M
C2121T
23.2 x 23.7 x 9.1
23 x 23
C2323S
C2323M
C2323T
25.2 x 25.7 x 9.1
25 x 25
C2525S
C2525M
C2525T
27.2 x 27.7 x 9.1
27 x 27
C2727S
C2727M
C2727T
29.2 x 29.7 x 9.1
29 x 29
C2929S
C2929M
C2929T
31.2 x 31.2 x 9.1
31 x 31
C3131S
C3131M
C3131T
33.2 x 33.7 x 9.1
33 x 33
C3333S
C3333M
C3333T
35.2 x 35.2 x 9.1
35 x 35
C3535S
C3535M
C3535T
37.2 x 37.7 x 9.1
37.5 x 37.5
C3838S
C3838M
C3838T
39.7 x 40.2 x 9.1
40 x 40
C4040S
C4040M
C4040T
42.2 x 42.7 x 9.1
42.5 x 42.5
C4343S
C4343M
C4343T
44.7 x 45.1 x 9.1
45 x 45
C4545S
C4545M
C4545T
42.7 x 47.7 x 9.1
HEIGHT
LENGTH
WIDTH
Clip
Adhesive
Short “/S”
Double-sided Kapton® “/A01”
Medium “/M”
Chomerics Thermattach® “T410, T411, or T412”
Tall “/T”
3M“8815”


Similar Part No. - APR29-29-12CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR29-29-12CB CTS-APR29-29-12CB Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
More results

Similar Description - APR29-29-12CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
CPR19-19-12U CTS-CPR19-19-12U Datasheet
155Kb / 3P
   Forged Copper Heat Sinks
APF19-19-06CB CTS-APF19-19-06CB Datasheet
36Kb / 2P
   Series APF Low Height Thin-Fin Forged Heat Sinks
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com