Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAT54A
Description  Schottky barrier double diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54A Datasheet(HTML) 4 Page - NXP Semiconductors

  BAT54A Datasheet HTML 1Page - NXP Semiconductors BAT54A Datasheet HTML 2Page - NXP Semiconductors BAT54A Datasheet HTML 3Page - NXP Semiconductors BAT54A Datasheet HTML 4Page - NXP Semiconductors BAT54A Datasheet HTML 5Page - NXP Semiconductors BAT54A Datasheet HTML 6Page - NXP Semiconductors BAT54A Datasheet HTML 7Page - NXP Semiconductors BAT54A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2002 Mar 04
4
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT54 series
handbook, halfpage
10
IF
VF (V)
3
10
(mA)
2
10
1
10 1
1.2
0.8
0.4
0
MSA892
(3)
(2)
(1)
(3)
(2)
(1)
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
Fig.3
Forward current as a function of forward
voltage; typical values.
010
20
30
V
(V)
R
10 3
I
R
(
µA)
10 2
10
1
10 1
(1)
(2)
(3)
MSA893
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
Fig.4
Reverse current as a function of reverse
voltage; typical values.
handbook, halfpage
010
20
30
0
5
10
15
VR (V)
Cd
(pF)
MSA891
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.
Fig.6 Reverse recovery definitions.
handbook, halfpage
90%
10%
tf
Q
dI
dt
t
IF
IR
MRC129 - 1
F
r


Similar Part No. - BAT54A

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAT54A CHENYI-BAT54A Datasheet
72Kb / 3P
   250mWatt, 30volt schottky barrier diode
logo
Pan Jit International I...
BAT54A PANJIT-BAT54A Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Sangdest Microelectroni...
BAT54A SMC-BAT54A Datasheet
221Kb / 5P
   Negligible switching losses
logo
Vishay Siliconix
BAT54A VISHAY-BAT54A Datasheet
115Kb / 5P
   Small Signal Schottky Diodes, Single Dual
Rev. 1.6, 24-Nov-04
logo
Shanghai Yint Electroni...
BAT54A YINT-BAT54A Datasheet
389Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - BAT54A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com