Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550-1307-004 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 550-1307-004
Description  5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-1307-004 Datasheet(HTML) 2 Page - Dialight Corporation

  550-1307-004 Datasheet HTML 1Page - Dialight Corporation 550-1307-004 Datasheet HTML 2Page - Dialight Corporation 550-1307-004 Datasheet HTML 3Page - Dialight Corporation 550-1307-004 Datasheet HTML 4Page - Dialight Corporation 550-1307-004 Datasheet HTML 5Page - Dialight Corporation 550-1307-004 Datasheet HTML 6Page - Dialight Corporation 550-1307-004 Datasheet HTML 7Page - Dialight Corporation 550-1307-004 Datasheet HTML 8Page - Dialight Corporation 550-1307-004 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6-35
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
550-xx07-004
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-0207-004
Green
565
12.3
2.1
20
60°
5ND-9674
6-51
550-0307-004
Yellow
585
12.3
2.1
20
60°
5ND-9673
6-51
550-0407-004
Red
635
12.3
2
20
60°
5ND-9672
6-51
GENERAL PURPOSE
See page 6-55 and 6-56 for Reference Only LED Drive Circuit Examples. See page 6-58 for Pin Out
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-5507-004
Red
635
125
2.2
20
24°
521-9464
6-47
550-5607-004
Green
565
120
2.3
20
24°
521-9465
6-47
550-5707-004
Yellow
583
140
2.2
20
24°
521-9466
6-47
SUPER BRIGHT, WATER CLEAR (NON-TINTED, NON-DIFFUSED)
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-1107-004
Red
635
2
1.8
2
50°
521-9320
6-42
550-1207-004
Yellow
583
1.8
1.9
2
50°
521-9321
6-42
550-1307-004
Green
565
1.8
1.8
2
50°
521-9327
6-42
LOW CURRENT
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-2207-004
Green
563
10
2.1
10
65°
5HD-9270-5
6-49
550-2307-004
Yellow
585
6.3
2.1
10
50°
5HD-9271-5
6-49
550-2407-004
Red
650
7
2.2
10
50°
5HD-9269
6-49
550-2507-004
Orange
600
7
1.9
10
60°
521-9704
6-43
HIGH EFFICIENCY
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-5107-004
Red
650
34
2.1
20
50°
5SD-9441
6-53
550-5207-004
Green
563
34
2.2
20
50°
5SD-9456
6-53
550-5307-004
Yellow
585
34
2.2
20
50°
5SD-9455
6-53
SUPER BRIGHT, DIFFUSED
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-3007-004
Red/Green
660/565
90/40
1.8/2.1
20
60°
521-9651
6-46
550-3107-004 Yellow/Green
585/565
8.7/8.7
2.1/2.1
20
50°
521-9724
6-46
BI-COLOR
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
550-0507-004
Red
655
2
5
13
60°
5RD-9422
6-52
550-0707-004
Green
565
8
5
12
60°
5RD-9423
6-52
550-0807-004
Yellow
583
8
5
10
60°
521-9284
6-41
INTEGRAL RESISTOR
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information


Similar Part No. - 550-1307-004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-1307 DIALIGHT-550-1307 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-1307 DIALIGHT-550-1307 Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
More results

Similar Description - 550-1307-004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
550-XX05 DIALIGHT-550-XX05 Datasheet
121Kb / 1P
   5mm LED CBI, SO BACK HOUSING
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com