Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT86 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAT86
Description  Schottky barrier diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT86 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAT86 Datasheet HTML 1Page - NXP Semiconductors BAT86 Datasheet HTML 2Page - NXP Semiconductors BAT86 Datasheet HTML 3Page - NXP Semiconductors BAT86 Datasheet HTML 4Page - NXP Semiconductors BAT86 Datasheet HTML 5Page - NXP Semiconductors BAT86 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1996 Mar 20
5
Philips Semiconductors
Product specification
Schottky barrier diode
BAT86
Fig.6 Reverse recovery definitions.
handbook, halfpage
90%
10%
tf
Q
dI
dt
t
IF
IR
MRC129 - 1
F
r


Similar Part No. - BAT86

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT86 GE-BAT86 Datasheet
44Kb / 2P
   Schottky Diodes
logo
Continental Device Indi...
BAT86 CDIL-BAT86 Datasheet
194Kb / 3P
   SILICON PLANAR SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
SUNMATE electronic Co.,...
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
   0.2A Axial Leaded Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
BAT86 BILIN-BAT86 Datasheet
33Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - BAT86

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com