Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

741C083180XP Datasheet(PDF) 4 Page - CTS Corporation

Part # 741C083180XP
Description  Chip Resistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

741C083180XP Datasheet(HTML) 4 Page - CTS Corporation

  741C083180XP Datasheet HTML 1Page - CTS Corporation 741C083180XP Datasheet HTML 2Page - CTS Corporation 741C083180XP Datasheet HTML 3Page - CTS Corporation 741C083180XP Datasheet HTML 4Page - CTS Corporation 741C083180XP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Recommended
tter
Land Pa
ns
E
nm
erformance Spec
DIM
N
/in
ENSIO S mm
SERIES
A
B
C
D
1.00
0.65
0.33
0.50
741X043
0.039
0.026
0.013
0.020
1.00
0.50
0.30
0.50
741X083
0.039
0.020
0.012
0.020
1.00
0.50
0.28
0.50
A
B
C
D
741C083
0.039
0.020
0.011
0.020
1.60
0.50
0.30
0.80
741X163
0.063
0.020
0.012
0.031
1.60
0.80
0.50
0.90
742
0.063
0.032
0.020
0.035
2.00
1.27
0.80
1.00
743
0.079
0.050
0.031
0.051
3.20
1.27
0.80
1.00
744
0.126
0.050
0.031
0.039
3.20
1.27
0.90
1.30
745
0.126
0.050
0.035
0.039
1.65
0.64
0.35
0.80
746
0.065
0.025
0.014
0.032
nviro
ental P
ifications
Max. Delta R
Test
741
742-746
Test Description
Thermal Cycle
1.00%
1.00%
5 Cycles -55°C to +125°C
Short Time Overload
2.50%
1.00%
2½ X
onds
R
c
ated Working Voltage for 5 Se
Moisture Resistance
5.00%
2.00%
240 Hours 1
, 90% R.H.
0% rated load, -10°C to +65°C
Hig
1.00%
1.00%
h Te
posure
mperature Ex
1000 Hours, no load, +125°C
Load Life
5.00%
2.00%
1000 Hours @ 70°C, rated load
Resistance to Solder Heat
2.50%
1.00%
10 Seconds @ 260°C solder
Resistance to Solvents
ol, Freon TMC
Isopropyl alcoh
Solderability
RMA Flux, 230°C, 5 Seconds dip, 95% coverage
Page 4 of 5
May 2006
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 741C083180XP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
741C083101F ETC1-741C083101F Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
741C083101G ETC1-741C083101G Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
741C083101J ETC1-741C083101J Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
logo
CTS Corporation
741C083104JP CTS-741C083104JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results

Similar Description - 741C083180XP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
logo
CTS Corporation
742C083102JP CTS-742C083102JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com