Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

741X043560XP Datasheet(PDF) 1 Page - CTS Corporation

Part # 741X043560XP
Description  Chip Resistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

741X043560XP Datasheet(HTML) 1 Page - CTS Corporation

  741X043560XP Datasheet HTML 1Page - CTS Corporation 741X043560XP Datasheet HTML 2Page - CTS Corporation 741X043560XP Datasheet HTML 3Page - CTS Corporation 741X043560XP Datasheet HTML 4Page - CTS Corporation 741X043560XP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
May 2006
CTS Electronic Components
www.ctscorp.com
Chip Resistor Arrays
Technical
Data
Product Benefits
• High Density Packaging
Up to 30% less space per resistor than 0603 chip resistors
Up to 75% less space per resistor than 0805 chip resistors
• Placement Efficiency
Networks require fewer placements than discrete components
Larger overall size eases handling compared to discrete components
• Low Profile; Can be used in PCMCIA cards
Features
• Low Cost
• Thick Film Technology
• High Density Packaging
• Leadless Surface Mount Construction
• Tape and Reel Packaging
• Solder Coated Nickel Barrier Pads
• Isolated and Bussed Circuits
• Concave and Convex Terminations
• RoHS Compliant Version Available
Electrical and Mechanical Specifications
Series
PCB Area (in²)
Per Resistor
Circuit Type
Resistance
Range, Ohms
70°C Power
Per Resistor*
Maximum
Operating
Voltage
741
0.0015
Isolated
10 - 1M
.063W
25V
742
0.0037
Isolated
10 - 1M
.063W
50V
743
0.0071
Isolated
10 - 1M
.100W
100V
744
0.0094
Isolated
10 - 1M
.125W
200V
745
0.0058
Bussed
33 - 470K
.063W
50V
746
0.0013
Bussed
33 - 100K
.031W
25V
*Total Rated Package Power equals total number of resistors times rated Power Per Resistor
Resistance Tolerance
Standard: ±5% or .5Ω (whichever is greater)
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient
Standard: 200PPM/°C


Similar Part No. - 741X043560XP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
741X043564FP CTS-741X043564FP Datasheet
156Kb / 5P
   Chip Resistor Arrays
741X043564GP CTS-741X043564GP Datasheet
156Kb / 5P
   Chip Resistor Arrays
741X043564JP CTS-741X043564JP Datasheet
156Kb / 5P
   Chip Resistor Arrays
741X043564XP CTS-741X043564XP Datasheet
156Kb / 5P
   Chip Resistor Arrays
More results

Similar Description - 741X043560XP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
logo
CTS Corporation
742C083102JP CTS-742C083102JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com