Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

568-0301-111 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 568-0301-111
Description  3mm LED CBI Circuit Board Indicator Quad-Level
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

568-0301-111 Datasheet(HTML) 2 Page - Dialight Corporation

  568-0301-111 Datasheet HTML 1Page - Dialight Corporation 568-0301-111 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation • 1913 Atlantic Avenue • Manasquan, NJ 08736 • TEL: (732) 223-9400 • FAX: (732) 223-8788 • www.dialight.com
568-0x0x-xxx
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ12
Data sheet
Page #
Red
635
10
2*
10
60°
521-9216
4-53
568-010x-xxx
Green
565
12.6
2.1*
10
60°
521-9210
4-53
Yellow
583
10
2.2
10
60°
521-9211
4-53
Orange
600
7
2.2*
10
60°
521-9498
4-53
HIGH EFFICIENCY
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ12
Data sheet
Page #
Red
635
1.8
1.8
2
50°
521-9324
4-55
568-020x-xxx
Green
565
1.6
1.8
2
50°
521-9326
4-55
Yellow
583
1.6
1.9
2
50°
521-9325
4-55
LOW CURRENT
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ12
Data sheet
Page #
Red
635
4
5
10
60°
521-9215
4-54
568-030x-xxx
Green
565
8
5
12
60°
521-9323
4-54
Yellow
583
8
5
10
60°
521-9322
4-54
INTEGRAL RESISTOR, 5V
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ12
Data sheet
Page #
568-0701-111
Red/Green
635/565
5
2
10
50°
521-9459
4-58
568-0704-444 Yellow/Green
585/565
4.3/6.3
2.1*/2.1*
10
80°
521-9478
4-57
BI-COLOR
Bicolor data shown as red/green or yellow/green
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
Dialight
* IF = 20mA
* IF = 20mA


Similar Part No. - 568-0301-111

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
568-0301-111 DIALIGHT-568-0301-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
More results

Similar Description - 568-0301-111

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com