Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRBC-16A1AL Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRBC-16A1AL
Description  NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-16A1AL Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRBC-16A1AL Datasheet HTML 1Page - Bel Fuse Inc. SRBC-16A1AL Datasheet HTML 2Page - Bel Fuse Inc. SRBC-16A1AL Datasheet HTML 3Page - Bel Fuse Inc. SRBC-16A1AL Datasheet HTML 4Page - Bel Fuse Inc. SRBC-16A1AL Datasheet HTML 5Page - Bel Fuse Inc. SRBC-16A1AL Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 V-14 V Input
0.75 V-5.0 V/16 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.75 V
-
-
-
-
-
-
-
94%
92%
90%
88%
87%
85%
79%
-
-
-
-
-
-
-
Measured at Vin=12 V, full load
Switching Frequency
265 kHz
300 kHz
335 kHz
Over Temperature Shutdown
1
-
130
°C
-
Output Trim Range (Wide Trim)
0.7525 V
-
5.0 V
Remote Sense Compensation
-
-
0.5 V
MTBF
2,666,488 hours
Calculated Per Bell Core SR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.30 x 0.53 x 0.315
33.02 x 13.46 x 8.00
Weight
-
8 g
-
Notes
: All specifications are typical at 25 °C unless otherwise stated.
1. The Tref temperature measurement location:
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.2 V
-
0.3 V
Signal High (Unit On)
-
-
Vin, max
SRBC-16A1A0; Remote On/Off pin open, Unit
on.
Signal Low (Unit On)
-0.2 V
-
0.3 V
Signal High (Unit Off)
2.5 V
-
Vin, max
SRBC-16A1AL; Remote On/Off pin open, Unit
on.


Similar Part No. - SRBC-16A1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-16A1AL BEL-SRBC-16A1AL Datasheet
351Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRBC-16A1AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-16A2AX BEL-SRBC-16A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
SRBC-10A2AX BEL-SRBC-10A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/10 A Output
SRBA-03A1AX BEL-SRBA-03A1AX Datasheet
155Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output
VRBA-03A1AX BEL-VRBA-03A1AX Datasheet
161Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output
SRBA-06A2AX BEL-SRBA-06A2AX Datasheet
170Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/6 A Output
VRBC-16A2AX BEL-VRBC-16A2AX Datasheet
301Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.5 V/16 A Output
VRBA-06A2AX BEL-VRBA-06A2AX Datasheet
300Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output
VRBA-03E1AX BEL-VRBA-03E1AX Datasheet
163Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-5.0 V/3 A Output
V7BC-16E2AX BEL-V7BC-16E2AX Datasheet
180Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/16 A Output
V7BC-10E2AX BEL-V7BC-10E2AX Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/10 A Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com