Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMED125-12S Datasheet(PDF) 2 Page - AIMTEC

Part # AMED125-12S
Description  125 Watt (Din Rail) AC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMED125-12S Datasheet(HTML) 2 Page - AIMTEC

  AMED125-12S Datasheet HTML 1Page - AIMTEC AMED125-12S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AMED125 Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
DERATING
BLOCK DIAGRAM
Single
1
FG
2
AC Input (N)
3
AC Input (L)
4, 5
+DC Output
6, 7
-DC Output
Pin


Similar Part No. - AMED125-12S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMED250-12SZ AIMTEC-AMED250-12SZ Datasheet
250Kb / 2P
   250 watt ac-dc converter
AMED250-15SZ AIMTEC-AMED250-15SZ Datasheet
250Kb / 2P
   250 watt ac-dc converter
AMED250-24SZ AIMTEC-AMED250-24SZ Datasheet
250Kb / 2P
   250 watt ac-dc converter
AMED250-3.3SZ AIMTEC-AMED250-3.3SZ Datasheet
250Kb / 2P
   250 watt ac-dc converter
AMED250-48SZ AIMTEC-AMED250-48SZ Datasheet
250Kb / 2P
   250 watt ac-dc converter
More results

Similar Description - AMED125-12S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME125 AIMTEC-AME125 Datasheet
314Kb / 2P
   125 Watt (Enclosed) AC/DC Converter
AMEO125 AIMTEC-AMEO125 Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
VDRS-240 CUI-VDRS-240 Datasheet
294Kb / 7P
   AC-DC DIN RAIL
VDRS-20 CUI-VDRS-20_V01 Datasheet
378Kb / 4P
   AC-DC DIN RAIL
08/23/2012
VDRS-60 CUI-VDRS-60_V01 Datasheet
347Kb / 4P
   AC-DC DIN RAIL
08/23/2012
VDRS-150 CUI-VDRS-150 Datasheet
328Kb / 7P
   AC-DC DIN RAIL
logo
Power Mate Technology C...
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com