Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDB-04HX20 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SRDB-04HX20
Description  NON-ISOLATED DC/DC CONVERTER 9.0 V - 32 V Input 10 V - 12 V/3.5 A Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDB-04HX20 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SRDB-04HX20 Datasheet HTML 1Page - Bel Fuse Inc. SRDB-04HX20 Datasheet HTML 2Page - Bel Fuse Inc. SRDB-04HX20 Datasheet HTML 3Page - Bel Fuse Inc. SRDB-04HX20 Datasheet HTML 4Page - Bel Fuse Inc. SRDB-04HX20 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
9.0 V - 32 V Input
10 V - 12 V/3.5 A Output
Thermal Derating Curve
Note
: Derating curve is for 12 V output and tested at nominal input voltage.


Similar Part No. - SRDB-04HX20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
More results

Similar Description - SRDB-04HX20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
XRAH-01H1A0 BEL-XRAH-01H1A0 Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTER 4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
SRBC-10AXX0 BEL-SRBC-10AXX0 Datasheet
156Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRAH-10J BEL-XRAH-10J Datasheet
183Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
V7BC-10E2AX BEL-V7BC-10E2AX Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/10 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
VRBA-06A1AX BEL-VRBA-06A1AX Datasheet
176Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 0.75 V-6.0 V/6 A Output
VRBC-10E1AX BEL-VRBC-10E1AX Datasheet
273Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 14 V Input 0.75 V - 3.63 V/10 A Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com