Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7NB-30A180 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # V7NB-30A180
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / Programmable Output / 30A VRM 9.0 Compatible
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7NB-30A180 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7NB-30A180 Datasheet HTML 1Page - Bel Fuse Inc. V7NB-30A180 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12V Input / Programmable Output / 30A VRM 9.0 Compatible
High efficiency means less power dissipation
Remote on/off
2-Wire Remote sense
Optional 5 bit voltage programming schemes
o
Intel VRM 9.x compatible 1.1V to 1.85V
o
Motorola compatible 1.0V to 1.68V
Adaptive voltage positioning
Description
The V7NB-30A Series are non-isolated step down DC/DC converters providing up to 30A of output current and
designed to be compatible to the Intel VRM 9.0 / 9.1 VID codes. Standard features include remote on/off, over
current protection, remote sense and a power good signal. This product also makes use of adaptive positioning
to improve transient response performance. These products are specifically design to power a wide variety of
high performance microprocessors but may be used almost anywhere low-voltage silicon is being employed and
a nominal 12V source is available. Typical applications include file servers, work stations and other computing
applications.
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage Range
10.8 VDC
13.2 VDC
Input Current (disabled)
30mA
Input Current (full load)
6A
Reflected Ripple Current
100mA rms
With 100uF, 25mOhm
capacitor and 200nH of input
inductance.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Current
0A
30A
Set Point Accuracy
1.81V
1.83
1.85
no load, excluding Adaptive
positioning, VID 00000
Adaptive Positioning
(Droop Impedance)
3.33 mOhm
Ripple and Noise
20mV
pk-pk, 0 to 20MHz Bandwidth
Full load with two external
560uF oscon capacitors on
output.
Turn on Time
8mS
16mS
Transient Response
Deviation
Settling Time
90mV
175uS
di/dt = 5A/uS
Load step =50% of max load.
Cout = two 820uF OSCON
Remote Sense Compensation
±0.3VDC
Output Capacitance
1200uF
20,000uF
For applications requiring
higher or lower output
capacitance please consult
factory.
V7NB-30A180 PRELIMINARY


Similar Part No. - V7NB-30A180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7NB-60A16 BEL-V7NB-60A16 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - V7NB-30A180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G7NB-81A180 BEL-G7NB-81A180 Datasheet
65Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / Programmable Output / 81A VRM 9.1 Compatible
G7NA-30D180 BEL-G7NA-30D180 Datasheet
129Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / Programmable Output / 30A VRM 8.5 Compatible
G7NB-60E180 BEL-G7NB-60E180 Datasheet
143Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 4.5 -15V Input / Programmable Output / 60A VRM 9.0
G7NC-C2A160 BEL-G7NC-C2A160 Datasheet
123Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 10.3 -13.2V Input / Programmable Output / 120A VRM 10.1
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
VRPB-10A BEL-VRPB-10A Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PC-10AT5 BEL-V7PC-10AT5 Datasheet
122Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 50% Tracking Output / 10A
V7PC-10AT5X BEL-V7PC-10AT5X Datasheet
95Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 12V Input Vref/2 / 10A Output
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com