Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEO150 Datasheet(PDF) 1 Page - AIMTEC

Part # AMEO150
Description  150 Watt (Open Frame) AC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEO150 Datasheet(HTML) 1 Page - AIMTEC

  AMEO150 Datasheet HTML 1Page - AIMTEC AMEO150 Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VISIT US AT WWW.AIMTEC.CA
Continued on next page
AMEO150 Series
150 Watt (Open Frame) AC/DC Converter
OPEN FRAME SWITCHING POWER SUPPLY
UNIVERSAL INPUT RANGE 90…264 VAC,
47…63HZ OR 120…370VDC
ULTRA COMPACT SIZE
3000 VAC INPUT-OUTPUT ISOLATION
REGULATED OUTPUT
150W WITH 18CFM FAN
EFFICIENCY UP TO 75%
PFC FUNCTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification.
Model No. (Single Output)
AMEO150-3.3S AMEO150-5S
AMEO150-12S
AMEO150-15S AMEO150-24S
AMEO150-48S
Max. Output Wattage (Convection)
66W
100W
120W
120W
120W
120W
Max. Output Wattage (18CFM Fan)
82.5W
125W
150W
150W
150W
150W
Voltage
90-260 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Input
Current (Full Load)
3A Max. (115VAC) / 1.5A Max. (230VAC)
Inrush Current (<2ms)
30A Max. (115VAC) / 60A Max. (230VAC)
Leakage Current
3.5mA max.
Power Factor
PF>0.97 (115VAC) / PF>0.93 (230 VAC) at Full Load
Voltage (VDC)
3.3V
5V
12V
15V
24V
48V
Voltage Accuracy
±2%
Max. Current (Convection)
20A
20A
10A
8A
5A
2.5A
Max. Current (18CFM Fan)
25A
25A
12.5A
10A
6.25A
3.13A
Line Regulation (LL-HL) (typ.)
±1%
Output
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
0%
Maximum Capacitive Load
470-23,000μF Depending on model.
Ripple & Noise
100mV max.
1% max.
Efficiency
68%
70%
75%
75%
75%
75%
Hold-up Time
18ms min.
Switching Frequency
67kHz
Over Power Protection
Auto Recovery
Protection
Over Voltage Protection
Auto Recovery
Short Circuit Protection
Auto Recovery
Input-Output (VAC)
3000V
Isolation
Input-FG (VAC)
1500V
Output-FG (VAC)
500V
Operating Temperature (Conv)
-25°C ... +40°C (without derating)
Operating Temperature (Fan)
-25°C ... +50°C (without derating)
Environment Storage Temperature
-40°C ... +85°C
Temperature Coefficient
0.02% / °C (0...50°C)
Humidity
95% RH
MTBF
> 100,000 hrs @ 25°C (MIL-HDBK-217F)
Physical
Dimensions (LxWxH)
5.00x3.00x1.40 Inches (127.0x76.2x35.5mm) Tolerance ±0.5mm
Weight
365g
Cooling Method
Free Air Convection / 18CFM Forced Air
EMC
EMI (Conducted & Radiated Emission)
EN55022 Class B
EMS (Noise Immunity)
EN55024


Similar Part No. - AMEO150

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEO125 AIMTEC-AMEO125 Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
AMEO125-12S AIMTEC-AMEO125-12S Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
AMEO125-15S AIMTEC-AMEO125-15S Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
AMEO125-24S AIMTEC-AMEO125-24S Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
AMEO125-3.3S AIMTEC-AMEO125-3.3S Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
More results

Similar Description - AMEO150

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEO75 AIMTEC-AMEO75 Datasheet
312Kb / 2P
   75 Watt (Open Frame) AC/DC Converter
AMEO125 AIMTEC-AMEO125 Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
logo
ETA-USA
BSE-SA ETA-USA-BSE-SA Datasheet
157Kb / 2P
   150 WATT AC-DC CONVERTER
WRE-SX ETA-USA-WRE-SX Datasheet
423Kb / 4P
   150 WATT AC-DC CONVERTER
BSE-SB ETA-USA-BSE-SB Datasheet
201Kb / 2P
   150 WATT AC-DC CONVERTER
VTE-SB ETA-USA-VTE-SB Datasheet
231Kb / 3P
   150 WATT AC-DC CONVERTER
VTE-SA ETA-USA-VTE-SA Datasheet
238Kb / 3P
   150 WATT AC-DC CONVERTER
logo
Wall Industries,Inc.
PSAQF150O WALL-PSAQF150O Datasheet
178Kb / 3P
   Open Frame 150 Watt Single Output AC/DC Switching Power Supply
logo
CINCON ELECTRONICS Corp...
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
   80 WATT OPEN FRAME AC-DC MODULES
CFM05 CINCON-CFM05 Datasheet
237Kb / 2P
   5 WATT OPEN FRAME AC-DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com