Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7AH-01H500 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # S7AH-01H500
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-01H500 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  S7AH-01H500 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-32V Input
1.2V-5.0V/1A Output
Efficiency Data
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
8V
20V
32V
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
4.5V
20V
32V
x7AH-01H500
x7AH-01H330
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
4.5V
20V
32V
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
4.5V
20V
32V
x7AH-01H250
x7AH-01H180
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
4.5V
20V
32V
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
4.5V
20V
32V
x7AH-01H150
x7AH-01H120


Similar Part No. - S7AH-01H500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-01H1A0 BEL-S7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
More results

Similar Description - S7AH-01H500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
X7AH-01H1A0 BEL-X7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com