Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7AH-01KX2X Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # S7AH-01KX2X
Description  NON-ISOLATED DC/DC CONVERTERS 9.0V-18V Input 5V/1A & 9V/1A & 12V/1A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-01KX2X Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S7AH-01KX2X Datasheet HTML 1Page - Bel Fuse Inc. S7AH-01KX2X Datasheet HTML 2Page - Bel Fuse Inc. S7AH-01KX2X Datasheet HTML 3Page - Bel Fuse Inc. S7AH-01KX2X Datasheet HTML 4Page - Bel Fuse Inc. S7AH-01KX2X Datasheet HTML 5Page - Bel Fuse Inc. S7AH-01KX2X Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
9.0V-18V Input
5V/1A & 9V/1A & 12V/1A Output
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=5.0V
VO=9.0V
VO=12.0V
4.90V
8.82V
11.76V
5V
9V
12V
5.10V
9.18V
12.24V
Test condition:
Vin=12V, lout=full load
Line Regulation
VO=5.0V
VO=9.0V
VO=12.0V
-
-
-
8mV
15mV
20mV
15mV
25mV
35mV
Load Regulation
VO=5.0V
VO=9.0V
VO=12.0V
-
-
-
15mV
25mV
35mV
25mV
45mV
60mV
Regulation Over Temperature
(-40
°C to +85 °C)
VO=5.0V
VO=9.0V
VO=12.0V
-
-
-
50mV
70mV
90mV
80mV
100mV
140mV
Output Current
0.005A
-
1A
Output DC Current Limit
1.1A
-
1.8A
Ripple and Noise (RMS)
VO=5.0V
VO=9.0V
VO=12.0V
-
-
-
3mV
3mV
4mV
5mV
5mV
6mV
Ripple and Noise (pk-pk)
VO=5.0V
VO=9.0V
VO=12.0V
-
-
-
10mV
15mV
20mV
15mV
20mV
30mV
Test conditions:
BW = 0-20MHz; with
π filter
(Co1=10uF, L=0.47uH,
Co2=10uF) at the output
Ripple and Noise (RMS)
VO=5.0V
VO=9.0V
VO=12.0V
-
-
-
15mV
25mV
35mV
25mV
35mV
50mV
Ripple and Noise (pk-pk)
VO=5.0V
VO=9.0V
VO=12.0V
-
-
-
40mV
70mV
110mV
70mV
100mV
160mV
Test conditions:
BW = 0-20MHz; with two
10uF ceramic capacitors at
the output
Turn On Time
VO=5.0V
VO=9.0V
VO=12.0V
-
-
-
20mS
30mS
30mS
30mS
45mS
45mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
0uF
-
47uF
Transient Response
Overshoot
-
200mV
300mV
50% ~ 75%
Max Load
Settling Time
-
100uS
150uS
Overshoot
-
200mV
300mV
75% ~ 50%
Max Load
Settling Time
5.0V
-
100uS
150uS
Overshoot
-
300mV
400mV
50% ~ 75%
Max Load
Settling Time
-
150uS
200uS
Overshoot
-
300mV
400mV
75% ~ 50%
Max Load
Settling Time
9.0V
-
150uS
200uS
Overshoot
-
350mV
500mV
50% ~ 75%
Max Load
Settling Time
-
150uS
200uS
Overshoot
-
350mV
500mV
75% ~ 50%
Max Load
Settling Time
12.0V
-
150uS
200uS
di/dt = 0.5A/uS; Vin =
12V; and with two 10uF
ceramic capacitors at the
output
Note: All specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - S7AH-01KX2X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-01K90L BEL-S7AH-01K90L Datasheet
193Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - S7AH-01KX2X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-01FXXN BEL-X7AH-01FXXN Datasheet
69Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
X7AH-01HXX0 BEL-X7AH-01HXX0 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
logo
Mean Well Enterprises C...
N78 MEANWELL-N78 Datasheet
151Kb / 8P
   1A Non-Isolated DC-DC Switching Regulator
logo
Bel Fuse Inc.
X7AH-01H1A0 BEL-X7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Bel Fuse Inc.
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
   12V main output and 5V,1A Aux output
logo
Bel Fuse Inc.
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com