Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5350 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5350
Description  LF to 4 GHz High Linearity Y-Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350 Datasheet(HTML) 5 Page - Analog Devices

  ADL5350 Datasheet HTML 1Page - Analog Devices ADL5350 Datasheet HTML 2Page - Analog Devices ADL5350 Datasheet HTML 3Page - Analog Devices ADL5350 Datasheet HTML 4Page - Analog Devices ADL5350 Datasheet HTML 5Page - Analog Devices ADL5350 Datasheet HTML 6Page - Analog Devices ADL5350 Datasheet HTML 7Page - Analog Devices ADL5350 Datasheet HTML 8Page - Analog Devices ADL5350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Preliminary Technical Data
ADL5350
PrC | Page 5 of 24
1950 MHz SPUR TABLE
Table 5.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
−7.8
−2.08
−16.6
−31.7
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
1
−9.6
−7.81
−36.2
−27.2
−41.1
−28
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
2
−54.7
−74.9
−54
−62
−58.5
−78.6
−57.2
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
3
−81.1
−78.6
−78.7
−85.4
−82.1
−75.6
−79.6
−79.4
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
4
N.M.1
−78
−83.8
−86.4
−84.1
−79.2
−77.5
−77.2
−81.9
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
5
N.M.1
N.M.1
−73.9
−82.8
−82.3
−87.8
−80.1
−74.7
−79.3
−82.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
6
N.M.1
N.M.1
N.M.1
−80.1
−82.1
−86.7
−83.4
−80.7
−88.2
−79.5
−86.3
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
7
N.M.1
N.M.1
N.M.1
N.M.1
−79
−80.6
−80
−76.5
−81.4
−81.8
−75.2
−77.4
N.M.1
N.M.1
N.M.1
N.M.1
8
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
−79.6
−83.2
−81.5
−81.5
−85.5
−80.9
−79.3
−79.5
N.M.1
N.M.1
N.M.1
9
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
−83.7
−89
−83.1
−79.7
−80.6
−81
−82.9
−78.7
N.M.1
N.M.1
10
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
−80.9
−76.4
−82.7
−79.2
−78.8
−77.9
−80.7
−79.6
11
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
−77.8
−81.8
−79.7
−88.3
−73.9
−80.9
−79.5
12
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
−79.6
−78.7
−77.6
−87.1
−86.6
−76.7
13
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
−74.4
−81.6
−83
−82.9
−80.7
14
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
−78.9
−82
−74.6
−80.4
15
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
N.M.1
−78.7
−73.1
−78.1
1 N.M. indicates that a frequency was not measured. N.M. spurs are either less than −100 dBm or correspond to a frequency greater than 5995 MHz.


Similar Part No. - ADL5350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5350-EVALZ AD-ADL5350-EVALZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350-EVALZ AD-ADL5350-EVALZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350ACPZ AD-ADL5350ACPZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350ACPZ-R7 AD-ADL5350ACPZ-R7 Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350ACPZ-R7 AD-ADL5350ACPZ-R7 Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
More results

Similar Description - ADL5350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5350 AD-ADL5350_08 Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350ACPZ AD-ADL5350ACPZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Linear Technology
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com