Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAH-12F120 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # SRAH-12F120
Description  NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-12F120 Datasheet(HTML) 9 Page - Bel Fuse Inc.

  SRAH-12F120 Datasheet HTML 1Page - Bel Fuse Inc. SRAH-12F120 Datasheet HTML 2Page - Bel Fuse Inc. SRAH-12F120 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-12F120 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-12F120 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-12F120 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-12F120 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-12F120 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-12F120 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
©2005 Bel Fuse Inc. Specifications subject to change without notice. 112305
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel 852-2328-5515
Tel 44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 V-5.5 V Input
1.0 V-3.3 V/12 A Output
Mechanical Outline (continued)
VRAH-12Fxx0
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and
other hazardous substances from electronic products. These parts are not however
compatible with the higher temperatures associated with lead free solder processes and
must be soldered using a reflow profile with a peak temperature of no more than 240 ºC.
Pin Connections
Pin
Function
1
Remote On/Off (option)
2
Vin
3
Ground
4
Vout
5
Trim (option)
bel
bel


Similar Part No. - SRAH-12F120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-12F120 BEL-SRAH-12F120 Datasheet
499Kb / 12P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-12F120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-01FXX0 BEL-X7AH-01FXX0 Datasheet
142Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 12 V/0.8 A & 15 V/0.6 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
SRBA-06F1AX BEL-SRBA-06F1AX Datasheet
189Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com