Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19588ETND Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19588ETND
Description  High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19588ETND Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19588ETND Datasheet HTML 1Page - Maxim Integrated Products MAX19588ETND Datasheet HTML 2Page - Maxim Integrated Products MAX19588ETND Datasheet HTML 3Page - Maxim Integrated Products MAX19588ETND Datasheet HTML 4Page - Maxim Integrated Products MAX19588ETND Datasheet HTML 5Page - Maxim Integrated Products MAX19588ETND Datasheet HTML 6Page - Maxim Integrated Products MAX19588ETND Datasheet HTML 7Page - Maxim Integrated Products MAX19588ETND Datasheet HTML 8Page - Maxim Integrated Products MAX19588ETND Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
High-Dynamic-Range, 16-Bit,
100Msps ADC with -82dBFS Noise Floor
_______________________________________________________________________________________
5
-140
-100
-120
-80
-60
-40
-20
0
010
5
152025
35
45
30
40
FFT PLOT
(524,288-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
fCLK = 100MHz
fIN = 70.164MHz
AIN = -1.94dBFS
2
3
-140
-100
-120
-80
-60
-40
-20
0
010
5
152025
35
45
FFT PLOT
(524,288-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
30
40
2
3
fCLK = 100MHz
fIN = 130.001MHz
AIN = -1.98dBFS
68
72
70
74
76
78
80
82
040
20
60
80 100 120 140 160 180
SNR/SINAD vs. ANALOG INPUT FREQUENCY
(fCLK = 100MHz, AIN = -2dBFS)
fIN (MHz)
SINAD
SNR
70
75
95
105
85
80
90
100
110
0
406080
20
100 120 140 160 180
SFDR1/SFDR2 vs. ANALOG INPUT FREQUENCY
(fCLK = 100MHz, AIN = -2dBFS)
fIN (MHz)
SFDR2
SFDR1
-120
-110
-90
-100
-80
-70
0
406080
20
100 120 140 160 180
HD2/HD3 vs. ANALOG INPUT FREQUENCY
(fCLK = 100MHz, AIN = -2dBFS)
fIN (MHz)
HD3
HD2
0
10
30
60
20
40
70
80
50
90
-80
-60
-50
-40
-70
-30
-20
-10
0
SNR vs. ANALOG INPUT AMPLITUDE
(fCLK = 100MHz, fIN = 10MHz)
ANALOG INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SNR (dB)
30
50
90
70
40
60
80
100
110
120
-80
-60
-50
-40
-70
-30
-20
-10
0
SFDR1 vs. ANALOG INPUT AMPLITUDE
(fCLK = 100MHz, fIN = 10MHz)
ANALOG INPUT AMPLITUDE (dBFS)
SFDR1 (dBFS)
SFDR1 (dBc)
SFDR = 90dB
REFERENCE LINE
0
40
100
60
20
10
80
50
110
70
30
90
120
-80
-60
-50
-40
-70
-30
-20
-10
0
SFDR2 vs. ANALOG INPUT AMPLITUDE
(fCLK = 100MHz, fIN = 10MHz)
ANALOG INPUT AMPLITUDE (dBFS)
SFDR2 (dBFS)
SFDR2 (dBc)
SFDR = 90dB
REFERENCE LINE
0
30
80
50
10
20
70
40
60
90
-80
-60
-50
-40
-70
-30
-20
-10
0
SNR vs. ANALOG INPUT AMPLITUDE
(fCLK = 100MHz, fIN = 70MHz)
ANALOG INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SNR (dB)
Typical Operating Characteristics
(AVDD = AVDDA = 3.3V, DVDD = 1.8V, INP and INN driven differentially, internal reference, CLKP and CLKN driven differentially, CL =
7.5pF at digital outputs (D0–D15, DOR), CL = 35pF for DAV, fCLK = 100MHz, TA = +25°C. Unless otherwise noted, all AC data based
on 32k-point FFT records.)


Similar Part No. - MAX19588ETND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
   W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX19586ETN MAXIM-MAX19586ETN Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX1958ETP MAXIM-MAX1958ETP Datasheet
799Kb / 24P
   W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
More results

Similar Description - MAX19588ETND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX1429 MAXIM-MAX1429 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX19506 MAXIM-MAX19506 Datasheet
1Mb / 34P
   Dual-Channel, 8-Bit, 100Msps ADC
Rev 0; 10/08
MAX19516 MAXIM-MAX19516 Datasheet
430Kb / 35P
   Dual-Channel, 10-Bit, 100Msps ADC
Rev 1; 10/08
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com