Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7504-40A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK7504-40A
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7504-40A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK7504-40A Datasheet HTML 2Page - NXP Semiconductors BUK7504-40A Datasheet HTML 3Page - NXP Semiconductors BUK7504-40A Datasheet HTML 4Page - NXP Semiconductors BUK7504-40A Datasheet HTML 5Page - NXP Semiconductors BUK7504-40A Datasheet HTML 6Page - NXP Semiconductors BUK7504-40A Datasheet HTML 7Page - NXP Semiconductors BUK7504-40A Datasheet HTML 8Page - NXP Semiconductors BUK7504-40A Datasheet HTML 9Page - NXP Semiconductors BUK7504-40A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Philips Semiconductors
BUK75/76/7E04-40A
TrenchMOS™ standard level FET
Product data
Rev. 02 — 7 November 2001
6 of 15
9397 750 09059
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS = 40 A; VGS =0V;
Figure 15
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = −100 A/µs
VGS = −10 V; VDS =30V
96
ns
Qr
recovered charge
224
nC
Table 5:
Characteristics…continued
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tj =25 °C; tp = 300 µsTj =25 °C; ID =25A
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Drain-source on-state resistance as a function
of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03ne65
0
50
100
150
200
250
300
350
400
450
02468
10
VDS (V)
ID
(A)
4.5
5.5
6.5
7.5
VGS (V) =
20
12
10
8.5
9
03ne64
3
4
5
6
510
15
20
VGS (V)
RDSon
(m
Ω)
03ne66
0
2
4
6
8
10
0
50
100
150
200
250
300
350
400
ID (A)
RDSon
(m
Ω)
VGS (V) =
10
9
8
7
6
03aa27
0
0.4
0.8
1.2
1.6
2
-60
0
60
120
180
Tj (
oC)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=


Similar Part No. - BUK7504-40A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK7504-40A ISC-BUK7504-40A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7504-40A NEXPERIA-BUK7504-40A Datasheet
326Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 03 - 15 June 2010
More results

Similar Description - BUK7504-40A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com