Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1L-0509SH30-N Datasheet(PDF) 3 Page - AIMTEC

Part # AM1L-0509SH30-N
Description  0.5 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0509SH30-N Datasheet(HTML) 3 Page - AIMTEC

  AM1L-0509SH30-N Datasheet HTML 1Page - AIMTEC AM1L-0509SH30-N Datasheet HTML 2Page - AIMTEC AM1L-0509SH30-N Datasheet HTML 3Page - AIMTEC AM1L-0509SH30-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Dual Output
@ 1000VDC
@ 3000VDC
Input Voltage Output Voltage
Max. Output Current
3.3V±10%
5V±10%
12V±10%
24V±10%
AM1/2L-0303D-N
AM1/2L-0305D-N
AM1/2L-0309D-N
AM1/2L-0312D-N
AM1/2L-0315D-N
AM1/2L-0324D-N
AM1/2L-0503D-N
AM1/2L-0505D-N
AM1/2L-0509D-N
AM1/2L-0512D-N
AM1/2L-0515D-N
AM1/2L-0524D-N
AM1/2L-1203D-N
AM1/2L-1205D-N
AM1/2L-1209D-N
AM1/2L-1212D-N
AM1/2L-1215D-N
AM1/2L-1224D-N
AM1/2L-2403D-N
AM1/2L-2405D-N
AM1/2L-2409D-N
AM1/2L-2412D-N
AM1/2L-2415D-N
AM1/2L-2424D-N
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±76mA
±50mA
±28mA
±22mA
±19mA
±10mA
±76mA
±50mA
±28mA
±22mA
±19mA
±10mA
±76mA
±50mA
±28mA
±22mA
±19mA
±10mA
±76mA
±50mA
±28mA
±22mA
±19mA
±10mA
AM1/2L-0303DH30-N
AM1/2L-0305DH30-N
AM1/2L-0309DH30-N
AM1/2L-0312DH30-N
AM1/2L-0315DH30-N
AM1/2L-0324DH30-N
AM1/2L-0503DH30-N
AM1/2L-0505DH30-N
AM1/2L-0509DH30-N
AM1/2L-0512DH30-N
AM1/2L-0515DH30-N
AM1/2L-0524DH30-N
AM1/2L-1203DH30-N
AM1/2L-1205DH30-N
AM1/2L-1209DH30-N
AM1/2L-1212DH30-N
AM1/2L-1215DH30-N
AM1/2L-1224DH30-N
AM1/2L-2403DH30-N
AM1/2L-2405DH30-N
AM1/2L-2409DH30-N
AM1/2L-2412DH30-N
AM1/2L-2415DH30-N
AM1/2L-2424DH30-N
AM1/2L-N Series
OUTLINE DIMENSIONS & PIN CONNECTIONS - DUAL @ 1000VDC
Pin
Dual Output
1
-V Input
2
+V Input
3
N.C.
4
Common
5
-V Output
6
N.C.
7
+V Output
8
N.C.
9
N.C.
10
N.C.
Vin
Ext. Cap.
Vout
Ext. Cap.
5VDC
4.7uF
5VDC
4.7uF
12VDC
2.2uF
9VDC
2.2uF
24VDC
1uF
12VDC
1uF
EXTERNAL CAPACITOR TABLE


Similar Part No. - AM1L-0509SH30-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0509SH30-N ETC-AM1L-0509SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0509SH30-N AIMTEC-AM1L-0509SH30-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0509SH30-N AIMTEC-AM1L-0509SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
AM1L-0509SH30-NZ AIMTEC-AM1L-0509SH30-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
AM1L-0509SH30-NZ AIMTEC-AM1L-0509SH30-NZ Datasheet
365Kb / 6P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1L-0509SH30-N

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com