Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1N-2409SH60-N Datasheet(PDF) 1 Page - AIMTEC

Part # AM1N-2409SH60-N
Description  1 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1N-2409SH60-N Datasheet(HTML) 1 Page - AIMTEC

  AM1N-2409SH60-N Datasheet HTML 1Page - AIMTEC AM1N-2409SH60-N Datasheet HTML 2Page - AIMTEC AM1N-2409SH60-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24
TO ORDER CALL 1-888-9-AIMTEC
AM1N-N Series
1 watt dc-dc converters
24-PIN DIP PACKAGE
LOW PROFILE PLASTIC PACKAGE
HIGH EFFICIENCY UP TO 81%
UL94-VO PACKAGE
INPUT/OUTPUT ISOLATION: 6000VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
Our AM1N-N series is a family of cost effective 1W
single and dual output DC-DC converters. These
converters combine plastic package in a 24-pin DIP
compatible case with high performance feature such as
6000VDC input/output isolation voltage. Twenty four
models operate from input voltages of 5, 12 & 24VDC
with output voltages of 5, 9, 12, 15, ±5, ±9, ±12, ±15VDC.
Operation is specified over the full operating temperature
range of -40°C to +85°C with no derating required.
Cooling is by free-air convection.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
General Specifications:
Efficiency
72% to 81%
Switching Frequency
35 KHz, typ. 100% load
Physical Specifications
Dimensions
32.3x14.7x9.4 mm
1.27x0.58x0.37 inches
Weight
16 g
Case material
Plastic UL94-VO
MTBF: > 1,211,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Environmental Specifications:
Operating temperature (ambient) -40°C to +85°C
Storage temperature
-55°C to +125°C
Case temperature
+95°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
Input Specifications:
Voltage range
±10 %
Filter
Capacitor
Isolation Specifications:
Rated voltage (60 sec)
6000 VDC
Resistance
> 1000 MOhm
Output Specifications:
Voltage accuracy
See tolerance
envelope graph
Ripple & noise (at 20MHz BW)
75mVp-p, typ.
Short circuit protection
1 sec.
Line voltage regulation
±1.2%/1% of Vin max.
Load voltage regulation
10%, max.
Temperature Coefficient
±0.03%/°C, max.
OUTLINE DIMENSIONS & PIN CONNECTIONS
Function
Pin
+V Input
-V Input
N.C.
OV
+V Output
1
2
8,17
10,15
12,13
Function
Pin
+V Input
-V Input
-V Output
OV
+V Output
1
2
8,17
10,15
12,13
Single output
Dual output
1
14
17
24 23
16
13
2
15
89
12
10 11


Similar Part No. - AM1N-2409SH60-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1N-0505DH60-NZ AIMTEC-AM1N-0505DH60-NZ Datasheet
158Kb / 3P
   1 Watt | DC-DC Converter
AM1N-0505SH60-NZ AIMTEC-AM1N-0505SH60-NZ Datasheet
158Kb / 3P
   1 Watt | DC-DC Converter
AM1N-0509DH60-NZ AIMTEC-AM1N-0509DH60-NZ Datasheet
158Kb / 3P
   1 Watt | DC-DC Converter
AM1N-0509SH60-NZ AIMTEC-AM1N-0509SH60-NZ Datasheet
158Kb / 3P
   1 Watt | DC-DC Converter
AM1N-0512DH60-NZ AIMTEC-AM1N-0512DH60-NZ Datasheet
158Kb / 3P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1N-2409SH60-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com