Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2F-0505S Datasheet(PDF) 1 Page - AIMTEC

Part # AM2F-0505S
Description  2 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2F-0505S Datasheet(HTML) 1 Page - AIMTEC

  AM2F-0505S Datasheet HTML 1Page - AIMTEC AM2F-0505S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39
VISIT US AT WWW.AIMTEC.CA
AM2F Series
REGULATED SINGLE OUTPUT
12 PIN SIP PACKAGE
LOW RIPPLE & NOISE
HIGH EFFICIENCY UP TO 68%
INPUT/OUTPUT ISOLATION: 1000, 3000 & 5200VDC
OPERATING TEMPERATURE: -25°C ... +71°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
Our AM2F series is a family of cost effective 2W single out-
put DC-DC converters. These converters combine miniature
package in a 12-pin SIP compatible case with high perform-
ance features such as 1000VDC, 3000VDC & 5200VDC
input/output isolation voltage, continuous short circuit pro-
tection with automatic restart and tight line / load regulation.
Input voltages of 5, 12 & 24VDC with producing output
voltage levels of 3.3, 5, 7.2, 9, 12, 15, 18, 24VDC. High
performance features include high efficiency operation up
to 68% and output voltage accuracy of ±2% maximum.
Standard features include an input range of ±10% tolerance
and low output noise and ripple. All models are package in
a low profile 31.80x8.60x13.47mm 12 pin SIP non-
conductive black plastic case. Operation is specified over
the full operating temperature range of -25°C to +71°C with
no derating required. Cooling is by free-air convection.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
Input Specifications:
Voltage range
±10%
Filter
p
(Pi) Network
Physical Specifications:
Dimensions
31.80x8.60x13.47mm
1.25x0.34x0.53inches
Weight
10.7g
Case material
Non-conductive black
plastic
General Specifications:
Efficiency
64% to 68%
Switching frequency
125KHz, typ. 100% load
MTBF: > 1,024,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1000, 3000 & 5200VDC
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Environmental Specifications:
Operating temperature (ambient) -25°C ... +71°C
Storage temperature
-40°C ... +125°C
Case temperature
+90°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
2 watt dc-dc converters
Output Specifications:
Voltage accuracy
±2%, max.
Ripple & noise (at 20MHz BW)
75mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02%/°C, typ.
OUTLINE
DIMENSIONS &
PIN CONNECTIONS
+V Input
N.C.
N.C.
N.C.
-V Output
+V Output
-V Input
1
2
3
9
10
11
12
1000, 3000 & 5200VDC
Single
Pin
Continued on next page


Similar Part No. - AM2F-0505S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2F-0505SH30Z AIMTEC-AM2F-0505SH30Z Datasheet
145Kb / 3P
   2 Watt | DC-DC Converter
AM2F-0505SH30Z AIMTEC-AM2F-0505SH30Z Datasheet
443Kb / 5P
   2 Watt | DC-DC Converter
AM2F-0505SH52Z AIMTEC-AM2F-0505SH52Z Datasheet
145Kb / 3P
   2 Watt | DC-DC Converter
AM2F-0505SH52Z AIMTEC-AM2F-0505SH52Z Datasheet
443Kb / 5P
   2 Watt | DC-DC Converter
AM2F-0505SZ AIMTEC-AM2F-0505SZ Datasheet
145Kb / 3P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2F-0505S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com