Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1P-1212S Datasheet(PDF) 3 Page - AIMTEC

Part # AM1P-1212S
Description  1 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1P-1212S Datasheet(HTML) 3 Page - AIMTEC

  AM1P-1212S Datasheet HTML 1Page - AIMTEC AM1P-1212S Datasheet HTML 2Page - AIMTEC AM1P-1212S Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
11
VISIT US AT WWW.AIMTEC.CA
MODELS
Dual output (continued)
AM1P Series
Models
Input Voltage
Ouput Voltage
Ouput Current max.
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±150mA
±100mA
±70mA
±55mA
±42mA
±34mA
±28mA
±21mA
24V±10%
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM1P-050303D
AM1P-050505D
AM1P-050707D
AM1P-050909D
AM1P-051212D
AM1P-051515D
AM1P-051818D
AM1P-052424D
AM1P-120303D
AM1P-120505D
AM1P-120707D
AM1P-120909D
AM1P-121212D
AM1P-121515D
AM1P-121818D
AM1P-122424D
AM1P-240303D
AM1P-240505D
AM1P-240707D
AM1P-240909D
AM1P-241212D
AM1P-241515D
AM1P-241818D
AM1P-242424D
3.3/3.3VDC
5/5VDC
7.2/7.2VDC
9/9VDC
12/12VDC
15/15VDC
18/18VDC
24/24VDC
3.3/3.3VDC
5/5VDC
7.2/7.2VDC
9/9VDC
12/12VDC
15/15VDC
18/18VDC
24/24VDC
3.3/3.3VDC
5/5VDC
7.2/7.2VDC
9/9VDC
12/12VDC
15/15VDC
18/18VDC
24/24VDC
150/150mA
100/100mA
70/70mA
55/55mA
42/42mA
34/34mA
28/28mA
21/21mA
150/150mA
100/100mA
70/70mA
55/55mA
42/42mA
34/34mA
28/28mA
21/21mA
150/150mA
100/100mA
70/70mA
55/55mA
42/42mA
34/34mA
28/28mA
21/21mA
Dual separate output
5V±10%
12V±10%
24V±10%
AM1P-2403D
AM1P-2405D
AM1P-2407D
AM1P-2409D
AM1P-2412D
AM1P-2415D
AM1P-2418D
AM1P-2424D


Similar Part No. - AM1P-1212S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1P-1212S-N AIMTEC-AM1P-1212S-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1P-1212S-NZ AIMTEC-AM1P-1212S-NZ Datasheet
261Kb / 3P
   1 Watt | DC-DC Converter
AM1P-1212SH30Z AIMTEC-AM1P-1212SH30Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1P-1212SZ AIMTEC-AM1P-1212SZ Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1P-1212S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com