Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2700-TR2 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMS-2700-TR2
Description  High Performance Schottky Diode for Transient Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2700-TR2 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMS-2700-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-2700-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2700-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2700-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2700-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2700-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2700-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2700-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Package Dimensions
Outline SOT-23
Tape Dimensions and Product Orientation
For Outline SOT-23
3
1
2
SIDE VIEW
TOP VIEW
END VIEW
DIMENSIONS ARE IN MILLIMETERS (INCHES)
1.02 (0.040)
0.89 (0.035)
0.60 (0.024)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
3.06 (0.120)
2.80 (0.110)
2.04 (0.080)
1.78 (0.070)
1.02 (0.041)
0.85 (0.033)
0.152 (0.006)
0.066 (0.003)
0.10 (0.004)
0.013 (0.0005)
0.69 (0.027)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
X X X
PACKAGE
MARKING
CODE (XX)
DATE CODE (X)
Device Orientation
For Outlines SOT-23/323
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
9
° MAX
A0
P
P0
D
P2
E
F
W
D1
Ko
8
° MAX
B0
13.5
° MAX
t1
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
3.15
± 0.10
2.77
± 0.10
1.22
± 0.10
4.00
± 0.10
1.00 + 0.05
0.124
± 0.004
0.109
± 0.004
0.048
± 0.004
0.157
± 0.004
0.039
± 0.002
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.50 + 0.10
4.00
± 0.10
1.75
± 0.10
0.059 + 0.004
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00 +0.30 –0.10
0.229
± 0.013
0.315 +0.012 –0.004
0.009
± 0.0005
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
BETWEEN
CENTERLINE


Similar Part No. - HSMS-2700-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode
HSMS-2700 AVAGO-HSMS-2700_15 Datasheet
150Kb / 9P
   High Performance Schottky Diode
More results

Similar Description - HSMS-2700-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com