Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2N-1212DH60-N Datasheet(PDF) 3 Page - AIMTEC

Part # AM2N-1212DH60-N
Description  2 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2N-1212DH60-N Datasheet(HTML) 3 Page - AIMTEC

  AM2N-1212DH60-N Datasheet HTML 1Page - AIMTEC AM2N-1212DH60-N Datasheet HTML 2Page - AIMTEC AM2N-1212DH60-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
43
VISIT US AT WWW.AIMTEC.CA
AM2N-N Series
APPLICATION NOTE
For single output
For dual output
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection
against over-current and short-circuits. The
simplest method is to connect a self-recovery
fuse in series at the input end or add a circuit
breaker to the circuit.
Output Voltage Regulation and
Over-voltage Protection Circuit
The simplest device for output voltage
regulation, over-voltage and over-current
protection is a linear voltage stabilizer with
overheat protection that is connected to the
input or output end in series (see Figure 2).
External Capacitor Table
for Single Output
Vin
Vout
External
Capacitor
External
Capacitor
4.7uF
2.2uF
1uF
-
5VDC
9VDC
12VDC
15VDC
10uF
4.7uF
2.2uF
1uF
External Capacitor Table
for Dual Output
Vin
Vout
External
Capacitor
External
Capacitor
5VDC
12VDC
24VDC
-
4.7uF
2.2uF
1uF
-
5VDC
9VDC
12VDC
15VDC
4.7uF
2.2uF
1uF
0.47uF
Filtering
In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the dc/dc output end and input end to reduce the noise and
ripple. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every
channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees the external capacitor table. To
get an extremely low ripple, an ìLCî filtering network may be connected to the input and output ends of the dc/dc converter, which may produce a more
significant filtering effect. It should also be noted that the inductance and the frequency of the ìLCî filtering network should be staggered with the dc/dc
frequency to avoid mutual interference (see figure 1).
Requirement on output load
To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of dc/dc converter in addition to a maximum load (namely
full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load,
and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the
output end in parallel to increase the load.
5VDC
12VDC
24VDC
-


Similar Part No. - AM2N-1212DH60-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2N-1212DH60-NZ AIMTEC-AM2N-1212DH60-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2N-1212DH60-NZ AIMTEC-AM2N-1212DH60-NZ Datasheet
208Kb / 4P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2N-1212DH60-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com