Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2D-0503SH30 Datasheet(PDF) 3 Page - AIMTEC

Part # AM2D-0503SH30
Description  2 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-0503SH30 Datasheet(HTML) 3 Page - AIMTEC

  AM2D-0503SH30 Datasheet HTML 1Page - AIMTEC AM2D-0503SH30 Datasheet HTML 2Page - AIMTEC AM2D-0503SH30 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
35
VISIT US AT WWW.AIMTEC.CA
AM2D Series
MODELS
Dual output (continued)
Models
Isolation 1000VDC Isolation 3000VDC
Isolation 4000VDC
Isolation 5200VDC
Input
Voltage
Ouput
Voltage
Ouput
Current
max.
AM2D-1215D
AM2D-1218D
AM2D-1224D
AM2D-2403D
AM2D-2405D
AM2D-2407D
AM2D-2409D
AM2D-2412D
AM2D-2415D
AM2D-2418D
AM2D-2424D
AM2D-1215DH30
AM2D-1218DH30
AM2D-1224DH30
AM2D-2403DH30
AM2D-2405DH30
AM2D-2407DH30
AM2D-2409DH30
AM2D-2412DH30
AM2D-2415DH30
AM2D-2418DH30
AM2D-2424DH30
AM2D-1215DH40
AM2D-1218DH40
AM2D-1224DH40
AM2D-2403DH40
AM2D-2405DH40
AM2D-2407DH40
AM2D-2409DH40
AM2D-2412DH40
AM2D-2415DH40
AM2D-2418DH40
AM2D-2424DH40
AM2D-1215DH52
AM2D-1218DH52
AM2D-1224DH52
AM2D-2403DH52
AM2D-2405DH52
AM2D-2407DH52
AM2D-2409DH52
AM2D-2412DH52
AM2D-2415DH52
AM2D-2418DH52
AM2D-2424DH52
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
12V±10%
24V±10%
±67mA
±55mA
±42mA
±200mA
±200mA
±139mA
±111mA
±83mA
±67mA
±55mA
±42mA
Models
Isolation 1000VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM2D-050303D
AM2D-050505D
AM2D-050707D
AM2D-050909D
AM2D-051212D
AM2D-051515D
AM2D-051818D
AM2D-052424D
AM2D-120303D
AM2D-120505D
AM2D-120707D
AM2D-120909D
AM2D-121212D
AM2D-121515D
AM2D-121818D
AM2D-122424D
AM2D-240303D
AM2D-240505D
AM2D-240707D
AM2D-240909D
AM2D-241212D
AM2D-241515D
AM2D-241818D
AM2D-242424D
3.3/3.3VDC
5/5VDC
7.2/7.2VDC
9/9VDC
12/12VDC
15/15VDC
18/18VDC
24/24VDC
3.3/3.3VDC
5/5VDC
7.2/7.2VDC
9/9VDC
12/12VDC
15/15VDC
18/18VDC
24/24VDC
3.3/3.3VDC
5/5VDC
7.2/7.2VDC
9/9VDC
12/12VDC
15/15VDC
18/18VDC
24/24VDC
200/200mA
200/200mA
139/139mA
111/111mA
83/83mA
67/67mA
55/55mA
42/42mA
200/200mA
200/200mA
139/139mA
111/111mA
83/83mA
67/67mA
55/55mA
42/42mA
200/200mA
200/200mA
139/139mA
111/111mA
83/83mA
67/67mA
55/55mA
42/42mA
Dual separate output
5V±10%
12V±10%
24V±10%


Similar Part No. - AM2D-0503SH30

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-0503SH30Z AIMTEC-AM2D-0503SH30Z Datasheet
292Kb / 7P
   2 Watt | DC-DC Converter
AM2D-0503SH30Z AIMTEC-AM2D-0503SH30Z Datasheet
279Kb / 11P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2D-0503SH30

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com