Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2F-2424S Datasheet(PDF) 2 Page - AIMTEC

Part # AM2F-2424S
Description  2 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2F-2424S Datasheet(HTML) 2 Page - AIMTEC

  AM2F-2424S Datasheet HTML 1Page - AIMTEC AM2F-2424S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
40
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Single regulated output
AM2F Series
Models
Isolation 1000VDC Isolation 3000VDC Isolation 5200VDC
Input
Voltage
Ouput
Voltage
Ouput
Current max.
AM2F-0503S
AM2F-0505S
AM2F-0507S
AM2F-0509S
AM2F-0512S
AM2F-0515S
AM2F-0518S
AM2F-0524S
AM2F-1203S
AM2F-1205S
AM2F-1207S
AM2F-1209S
AM2F-1212S
AM2F-1215S
AM2F-1218S
AM2F-1224S
AM2F-2403S
AM2F-2405S
AM2F-2407S
AM2F-2409S
AM2F-2412S
AM2F-2415S
AM2F-2418S
AM2F-2424S
AM2F-0503SH30
AM2F-0505SH30
AM2F-0507SH30
AM2F-0509SH30
AM2F-0512SH30
AM2F-0515SH30
AM2F-0518SH30
AM2F-0524SH30
AM2F-1203SH30
AM2F-1205SH30
AM2F-1207SH30
AM2F-1209SH30
AM2F-1212SH30
AM2F-1215SH30
AM2F-1218SH30
AM2F-1224SH30
AM2F-2403SH30
AM2F-2405SH30
AM2F-2407SH30
AM2F-2409SH30
AM2F-2412SH30
AM2F-2415SH30
AM2F-2418SH30
AM2F-2424SH30
AM2F-0503SH52
AM2F-0505SH52
AM2F-0507SH52
AM2F-0509SH52
AM2F-0512SH52
AM2F-0515SH52
AM2F-0518SH52
AM2F-0524SH52
AM2F-1203SH52
AM2F-1205SH52
AM2F-1207SH52
AM2F-1209SH52
AM2F-1212SH52
AM2F-1215SH52
AM2F-1218SH52
AM2F-1224SH52
AM2F-2403SH52
AM2F-2405SH52
AM2F-2407SH52
AM2F-2409SH52
AM2F-2412SH52
AM2F-2415SH52
AM2F-2418SH52
AM2F-2424SH52
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
5V±10%
12V±10%
24V±10%
600mA
400mA
278mA
222mA
167mA
134mA
111mA
83mA
600mA
400mA
278mA
222mA
167mA
134mA
111mA
83mA
600mA
400mA
278mA
222mA
167mA
134mA
111mA
83mA


Similar Part No. - AM2F-2424S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2F-2424SH30Z AIMTEC-AM2F-2424SH30Z Datasheet
145Kb / 3P
   2 Watt | DC-DC Converter
AM2F-2424SH30Z AIMTEC-AM2F-2424SH30Z Datasheet
443Kb / 5P
   2 Watt | DC-DC Converter
AM2F-2424SH52Z AIMTEC-AM2F-2424SH52Z Datasheet
145Kb / 3P
   2 Watt | DC-DC Converter
AM2F-2424SH52Z AIMTEC-AM2F-2424SH52Z Datasheet
443Kb / 5P
   2 Watt | DC-DC Converter
AM2F-2424SZ AIMTEC-AM2F-2424SZ Datasheet
145Kb / 3P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2F-2424S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com