Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75Q208C Datasheet(PDF) 68 Page - Lattice Semiconductor

Part # LC5512MC-75Q208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75Q208C Datasheet(HTML) 68 Page - Lattice Semiconductor

Back Button LC5512MC-75Q208C Datasheet HTML 64Page - Lattice Semiconductor LC5512MC-75Q208C Datasheet HTML 65Page - Lattice Semiconductor LC5512MC-75Q208C Datasheet HTML 66Page - Lattice Semiconductor LC5512MC-75Q208C Datasheet HTML 67Page - Lattice Semiconductor LC5512MC-75Q208C Datasheet HTML 68Page - Lattice Semiconductor LC5512MC-75Q208C Datasheet HTML 69Page - Lattice Semiconductor LC5512MC-75Q208C Datasheet HTML 70Page - Lattice Semiconductor LC5512MC-75Q208C Datasheet HTML 71Page - Lattice Semiconductor LC5512MC-75Q208C Datasheet HTML 72Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
68
2
29N
E2
F1
H1
E3
T12
AA12
--
GND
-
-
-
GND
GND
2
30P
E4
F2
H2
E5
P10
Y12
2
30N
E6
F3
H3
E7
R10
AA13
2
31P
E8
F4
H4
E9
R11
V12
--
VCCO2
-
-
-
VCCO2
VCCO2
2
31N
E10
F5
H5
E11
M10
U12
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
32P
E12
F6
H6
E13
M11
AB13
2
32N
E14
F7
H7
E15
T13
Y13
2
33P
E16
H0
-
E17
P11
V13
2
33N
E18/VREF2
H1
-
E19
T14
W13
2
34P
E20
F8
H8
E21
R12
V14
2
34N
E22
F9
H9
E23
R13
W14
2
35P
E24
F10
H10
E25
N11
Y14
2
35N
E26
F11
H11
E27
T15
AB14
2
36P
E28
F12
H12
E29
R14
AB15
2
36N
E30
F13
H13
E31
N12
AA15
2
37P
F0
F14
H14
F1
P12
U13
--
VCCO2
-
-
-
VCCO2
VCCO2
2
37N
F2
F15
H15
F3
R15
U14
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
38P
F4
H2
E0
F5
W15
2
38N
F6
H3
E2
F7
W16
2
39P
F8
H4
E4
F9
Y16
2
39N
F10
H5
E6
F11
AA16
2
40P
F12
H6
E8
F13
AB16
2
40N
F14
H7
E10
F15
AA17
2
41P
F16
H8
E12
F17
Y17
2
41N
F18
H9
E16
F19
AA18
2
42P
F20
H10
E20
F21
W17
--
VCC
-
-
-
VCC
VCC
2
42N
F22
H11
E22
F23
W18
--
GND
-
-
-
GND
GND
2
43P
F24
H12
-
F25
V15
--
VCCO2
-
-
-
VCCO2
VCCO2
2
43N
F26
H13
-
F27
U15
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
44P
F28
H14
-
F29
P13
Y18
2
44N
F30
H15
-
F31
P15
V17
2
45P
G0
H16
-
G1
M13
V16
2
45N
G2
H17
-
G3
P14
U16
2
46P
G4
H18
-
G5
AB18
ispXPLD 5768MX Logic Signal Connections (Continued)
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-75Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75Q208C LATTICE-LC5512MC-75Q208C Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com