Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP540M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # SBFP540M
Description  UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP540M Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button SBFP540M Datasheet HTML 2Page - Sanyo Semicon Device SBFP540M Datasheet HTML 3Page - Sanyo Semicon Device SBFP540M Datasheet HTML 4Page - Sanyo Semicon Device SBFP540M Datasheet HTML 5Page - Sanyo Semicon Device SBFP540M Datasheet HTML 6Page - Sanyo Semicon Device SBFP540M Datasheet HTML 7Page - Sanyo Semicon Device SBFP540M Datasheet HTML 8Page - Sanyo Semicon Device SBFP540M Datasheet HTML 9Page - Sanyo Semicon Device SBFP540M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SBFP540M
No.7494-6/16
S Parameters (Common emitter)
VCE=1V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.537
--53.4
33.150
147.3
0.015
70.0
0.852
--28.8
400
0.506
--88.9
26.213
126.0
0.026
61.0
0.685
--48.4
600
0.415
--110.0
19.932
111.8
0.031
56.9
0.547
--59.4
800
0.397
--123.5
15.931
103.4
0.035
56.5
0.476
--62.4
1000
0.387
--140.8
13.023
96.3
0.041
56.7
0.386
--63.7
1200
0.381
--149.3
11.107
90.1
0.046
57.0
0.354
--73.1
1400
0.376
--158.0
9.608
85.9
0.051
58.1
0.312
--73.8
1600
0.371
--164.0
8.458
81.8
0.058
56.9
0.307
--75.6
1800
0.368
--169.9
7.533
78.4
0.061
58.7
0.271
--74.4
2000
0.362
--176.5
6.826
75.4
0.067
57.0
0.259
--76.3
2200
0.360
179.0
6.200
71.5
0.073
57.7
0.243
--79.3
2400
0.362
174.8
5.765
68.4
0.080
56.6
0.241
--78.7
2600
0.358
171.1
5.366
65.3
0.084
55.6
0.226
--80.9
2800
0.365
165.2
4.976
62.4
0.091
52.0
0.208
--80.3
3000
0.376
161.0
4.676
59.1
0.094
53.0
0.199
--83.5
3200
0.374
157.3
4.401
56.5
0.101
49.9
0.186
--83.3
3400
0.377
153.5
4.142
53.7
0.106
51.1
0.174
--85.0
3600
0.385
149.6
3.941
51.0
0.114
48.0
0.158
--89.8
3800
0.384
146.6
3.762
48.2
0.114
47.2
0.149
--95.3
4000
0.387
144.4
3.566
45.5
0.120
45.7
0.143
--97.0
4200
0.407
141.1
3.418
43.0
0.127
43.6
0.130
--102.8
4400
0.408
137.5
3.282
40.3
0.131
42.0
0.119
--109.2
4600
0.415
134.9
3.134
37.6
0.136
41.5
0.110
--114.6
4800
0.417
132.0
3.019
34.9
0.139
39.9
0.112
--118.0
5000
0.425
128.4
2.919
32.3
0.147
37.7
0.105
--122.6
5200
0.430
125.1
2.835
29.7
0.151
35.7
0.100
--125.7
5400
0.428
122.0
2.719
27.0
0.154
34.4
0.102
--135.4
5600
0.430
119.6
2.641
24.8
0.157
32.6
0.110
--133.9
5800
0.433
116.5
2.557
21.9
0.162
31.7
0.103
--138.8
6000
0.437
112.9
2.483
19.3
0.167
29.0
0.100
--142.1


Similar Part No. - SBFP540M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP540B SANYO-SBFP540B Datasheet
71Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540D SANYO-SBFP540D Datasheet
79Kb / 13P
   SBFP540D
More results

Similar Description - SBFP540M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP420B SANYO-SBFP420B Datasheet
54Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540B SANYO-SBFP540B Datasheet
71Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420M SANYO-SBFP420M Datasheet
46Kb / 2P
   UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
logo
Toshiba Semiconductor
2SC1551 TOSHIBA-2SC1551 Datasheet
269Kb / 5P
   UHF~C Band Low Noise Amplifier Applications
logo
Sanyo Semicon Device
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
logo
Toshiba Semiconductor
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3098 TOSHIBA-2SC3098 Datasheet
210Kb / 3P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6023-TR-E SANYO-2SC6023-TR-E Datasheet
847Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com