Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-VSXXXN Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-VSXXXN
Description  Narrow Body Series - PTC Resettable Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-VSXXXN Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-VSXXXN Datasheet HTML 1Page - Bourns Electronic Solutions MF-VSXXXN Datasheet HTML 2Page - Bourns Electronic Solutions MF-VSXXXN Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*
RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-VS Narrow Body Series - PTC Resettable Fuses
VS210N
2018S
Electrical Characteristics
Features
3.6 mm narrow design axial strap
Fully compatible with current
industry standards
Weldable nickel terminals
Very low internal resistance
Low switching temperature
RoHS compliant*, lead free
Applications
Any application that requires protection
at low resistances
Rechargeable battery packs; designed for
NiMH and Li-Ion chemical characteristics
Cellular phones
Laptop computers
Ihold
Itrip
Initial
Max. Time
Model
V max.
I max.
Resistance
To Trip
Volts
Amps
Amperes
Ohms
Ohms
Amperes
Seconds
Watts
At 23
°C
At 23
°C
At 23
°C
At 23
°C
At 23
°C
At 23
°C
Hold
Trip
Min.
Max.
Typ.
Max.
Typ.
MF-VS170N
12
100
1.7
3.4
0.030
0.052
0.040
0.105
8.5
3.0
1.4
MF-VS175NL
12
100
1.75
3.5
0.029
0.051
0.038
0.102
8.75
3.0
1.4
MF-VS210N
12
100
2.1
4.7
0.018
0.030
0.024
0.060
10.0
5.0
1.5
1 Hour (R1)
Post-Trip
Resistance
Tripped
Power
Dissipation
Operating/Storage Temperature ........................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................125 °C
Passive Aging......................................................+60 °C, 1000 hours ....................................±10 % typical resistance change
Humidity Aging....................................................+60 °C, 85 % R.H.1000 hours ....................±10 % typical resistance change
Thermal Shock ....................................................MIL-STD-202F, Method 107G ....................±5 % typical resistance change
+85 °C to -40 °C, 10 times
Vibration ..............................................................MIL-STD-883C, ..........................................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................Verify dimensions and materials..................Per MF physical description
Resistance ..........................................................In still air @ 23 °C ........................................Rmin ≤ R ≤ Rmax
Time to Trip ........................................................At specified current, Vmax, 23 °C ..............T ≤ max. time to trip (seconds)
Hold Current ......................................................30 min. at Ihold............................................No trip
Trip Cycle Life ....................................................Vmax, Imax, 100 cycles ..............................No arcing or burning
Trip Endurance....................................................Vmax, 48 hours ..........................................No arcing or burning
UL File Number ..................................................E 174545S
CSA File Number ................................................CA 110338
TÜV File Number ................................................R2057213
Test Procedures And Requirements For Model MF-VS Narrow Body Series
Thermal Derating Chart - Ihold (Amps)
Ambient Operating Temperature
Model
0
°C
23
°C
60
°C
85
°C
MF-VS170N
2.2
1.7
0.8
0.1
MF-VS175NL
2.25
1.75
0.85
0.1
MF-VS210N
2.9
2.1
1.0
0.1
Itrip is approximately two times Ihold.


Similar Part No. - MF-VSXXXN

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-VS170 BOURNS-MF-VS170 Datasheet
220Kb / 3P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-VS170SLU-0 BOURNS-MF-VS170SLU-0 Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-VS170SLU-2 BOURNS-MF-VS170SLU-2 Datasheet
207Kb / 3P
   PTC Resettable Fuses
More results

Similar Description - MF-VSXXXN

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com