Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3145T3 Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # TISP3145T3
Description  Overvoltage Protector Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3145T3 Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button TISP3145T3 Datasheet HTML 3Page - Bourns Electronic Solutions TISP3145T3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3145T3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3145T3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3145T3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3145T3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3145T3 Datasheet HTML 9Page - Bourns Electronic Solutions TISP3145T3 Datasheet HTML 10Page - Bourns Electronic Solutions TISP3145T3 Datasheet HTML 11Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SEPTEMBER 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MECHANICAL DATA
TISP3xxxT3BJ Overvoltage Protector Series
Tape Dimensions
Direction of Feed
Carrier Tape
Embossment
Cover
Tape
Maximum component
rotation
Typical component
cavity center line
Typical component
center line
NOTES: A. The clearance between the component and the cavity must be within 0.05 mm (.002 in) MIN. to 0.65 mm (.026 in)
MAX. so that the component cannot rotate more than 20° within the determined cavity.
B. Taped devices are supplied on a reel of the following dimensions:-
Reel diameter:
330 mm ± 3.0 mm (12.99 in ± .118 in)
Reel hub diameter 75 mm (2.95 in) MIN.
Reel axial hole:
13.0 mm ± 0.5 mm (.512 in ± .020 in)
C. 3000 devices are on a reel.
MD3BJAB
SMB03 Package Single-Sprocket Tape
e
3.90 - 4.10
(.154 - .161)
1.50
(.059)
MIN.
0.40
(.016)
MAX.
8.20
(.323)
MAX.
4.50
(.177)
MAX.
1.55 - 1.65
(.061 - .065)
1.65 - 1.85
(.065 - .073)
7.90 - 8.10
(.311 - .319)
0 MIN.
20°
11.70 - 12.30
(.461 - .484)
5.45 - 5.55
(.215 - .219)
1.95 - 2.05
(.077 - .081)
DIMENSIONS ARE:
MILLIMETERS
(INCHES)
“TISP” is a trademark of Bourns, Ltd., a Bourns Company, and is Registered in U.S. Patent and Trademark Office.
“Bour ns” is a registered trademark of Bourns, Inc. in the U.S. and other countries.


Similar Part No. - TISP3145T3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3145H3 BOURNS-TISP3145H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3145H3 BOURNS-TISP3145H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
More results

Similar Description - TISP3145T3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com