Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4082F3LM Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP4082F3LM
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4082F3LM Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP4082F3LM Datasheet HTML 1Page - Bourns Electronic Solutions TISP4082F3LM Datasheet HTML 2Page - Bourns Electronic Solutions TISP4082F3LM Datasheet HTML 3Page - Bourns Electronic Solutions TISP4082F3LM Datasheet HTML 4Page - Bourns Electronic Solutions TISP4082F3LM Datasheet HTML 5Page - Bourns Electronic Solutions TISP4082F3LM Datasheet HTML 6Page - Bourns Electronic Solutions TISP4082F3LM Datasheet HTML 7Page - Bourns Electronic Solutions TISP4082F3LM Datasheet HTML 8Page - Bourns Electronic Solutions TISP4082F3LM Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Description (continued)
TISP4xxxF3LM Overvoltage Protector Series
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage (0 °C < TJ < 70 °C)
‘4072
‘4082
‘4125
‘4150
‘4180
‘4240
‘4260
‘4290
‘4320
‘4380
VDRM
± 58
± 66
± 100
± 120
± 145
± 180
± 200
± 220
± 240
± 270
V
Non-repetitive peak on-state pulse current (see Notes 1, 2 and 3)
ITSP
A
2/10 µs(FCC Part 68, 2/10 µs voltage wave shape) excluding ‘4072 - ‘4082
175
8/20 µs(ANSI C62.41, 1.2/50 µs voltage wave shape) excluding ‘4072 - ‘4082
120
10/160 µs(FCC Part 68, 10/160 µs voltage wave shape)
60
5/200 µs(VDE 0433, 2 kV, 10/700 µs voltage wave shape)
50
0.2/310 µs (I3124, 1.5 kV, 0.5/700 µs voltage wave shape)
38
5/310 µs(ITU-T K.20/21, 1.5 kV, 10/700 µs voltage wave shape)
38
5/310 µs(FTZ R12, 2 kV, 10/700 µs voltage wave shape)
50
10/560 µs(FCC Part 68, 10/560 µs voltage wave shape)
45
10/1000 µs(REA PE-60, 10/1000 µs voltage wave shape)
35
2/10 µs(FCC Part 68, 2/10 µs voltage wave shape) ‘4072 - ‘4082 only
80
8/20 µs(ANSI C62.41, 1.2/50 µs voltage wave shape) ‘4072 - ‘4082 only
70
Non-repetitive peak on-state current (see Notes 2 and 3)
ITSM
4A
50/60 Hz,
1 s
Initial rate of rise of on-state current,
Linear current ramp, Maximum ramp value < 38 A
diT/dt
250
A/µs
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-55 to +150
°C
NOTES: 1. Initially the TISP must be in thermal equilibrium with 0 °C< TJ <70 °C.
2. The surge may be repeated after the TISP returns to its initial conditions.
3. Above 70 °C, derate linearly to zero at 150 °C lead temperature.
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
This TISP4xxxF3LM range consists of ten voltage variants to meet various maximum system voltage levels (58 V to 270 V). They are guaran-
teed to voltage limit and withstand the listed international lightning surges in both polarities. These protection devices are supplied in a DO-92
(LM) cylindrical plastic package. The TISP4xxxF3LM is a straight lead DO-92 supplied in bulk pack and on tape and reeled. The
TISP4xxxF3LMF is a formed lead DO-92 supplied only on tape and reeled.


Similar Part No. - TISP4082F3LM

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4082F3LM POINN-TISP4082F3LM Datasheet
267Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4082F3LM

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com